Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18K1A708 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 18K1A708
Description  SC SIMPLEX ADAPTER MULTIMODE; METAL with thread
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

18K1A708 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  18K1A708 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
A
B
B
C
C
D
D
E
E
F
F
A
A
B
B
C
C
D
D
dim. in mm
R
date
drawn
Inventor 10
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
CUSTOMER APPROVAL DATE:
NAME:
TITLE:
COMPANY NAME:
APPROVAL # FREIGABE # DEBLOCAGE # AUTORIZACION # APPROVAL
APPROVAL # FREIGABE # DEBLOCAGE # AUTORIZACION # APPROVAL
18K1A708
A3
1
SC SIMPLEX ADAPTER
see technical data
Schmidt
15.04.10
16.05.10
Kühle
MULTIMODE; METAL
with thread
3:1
18-007240
aOrigin
MOUNTING CUTOUT
WALL THICKNESS
TECHNICAL DATA:
OUTER HOUSING MATERIAL: ZINC DIE CAST; NICKEL PLATED
INNER HOUSING MATERIAL: PLASTIC (UL 94 V-0); BEIGE
SLEEVE: CERAMIC
THREADED INSERTS: COPPER ALLOY; TIN PLATED
SPRING: STAINLESS STEEL
ADAPTERS ARE SUPPLIED WITH DUST CAPS
3,2
12,3
27,8
9,35 -0,4
0,1
+
9,7 - 0
0,3
+
1,6
max.
min. 1,6


Similar Part No. - 18K1A708

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
18K1A700 CONEC-18K1A700 Datasheet
182Kb / 1P
SC SIMPLEX ADAPTER SINGLEMODE; PLASTIC BLUE with through hole
16.05.10
18K1A701 CONEC-18K1A701 Datasheet
187Kb / 1P
SC SIMPLEX ADAPTER MULTIMODE; PLASTIC BEIGE with through hole
16.05.10
18K1A702 CONEC-18K1A702 Datasheet
194Kb / 1P
SC SIMPLEX ADAPTER SINGLEMODE; METAL with thread
16.05.10
18K1A703 CONEC-18K1A703 Datasheet
190Kb / 1P
SC SIMPLEX ADAPTER SINGLEMODE; METAL with thread
16.05.10
18K1A704 CONEC-18K1A704 Datasheet
199Kb / 1P
SC SIMPLEX ADAPTER MULTIMODE; METAL with thread
16.05.10
More results

Similar Description - 18K1A708

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE300005-5 PASTERNACK-PE300005-5 Datasheet
238Kb / 1P
CABLE ASSEMBLY ST TO SC SIMPLEX MULTIMODE
PE300027-1 PASTERNACK-PE300027-1 Datasheet
238Kb / 1P
CABLE ASSEMBLY SC TO LC SIMPLEX MULTIMODE
logo
Molex Electronics Ltd.
1060592031 MOLEX1-1060592031 Datasheet
51Kb / 1P
Optical Industrial Adapter, Industrial SC to SC Simplex, Multimode
1061162000 MOLEX1-1061162000 Datasheet
50Kb / 1P
EMI SC Adapter, Simplex, Metal Body, Snap Mount Style, Shutter
1061162100 MOLEX1-1061162100 Datasheet
50Kb / 1P
EMI SC Adapter, Simplex, Metal Body, Screw Mount Style, Shutter
1061162200 MOLEX1-1061162200 Datasheet
50Kb / 1P
EMI SC Adapter, Simplex, Metal Body, Snap Mount Style, Shutter
1061169000 MOLEX1-1061169000 Datasheet
44Kb / 1P
SC Swivel EMI Adapter, Simplex, Singlemode or Multimode, Die-Cast, Set Screw
1061670010 MOLEX-1061670010 Datasheet
51Kb / 1P
SC to SC Adapter, Duplex, Multimode, Beige Body, Metal Alignment Sleeve, Flange Mount Style
1060592031 MOLEX-1060592031_V01 Datasheet
50Kb / 1P
Optical Industrial Adapter, Industrial SC to SC Simplex, Multimode
1061162000 MOLEX-1061162000_V01 Datasheet
49Kb / 1P
EMI SC Adapter, Simplex, Metal Body, Snap Mount Style, Shutter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com