Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18K1A720 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 18K1A720
Description  SC DUPLEX ADAPTER MULTIMODE; METAL with thread
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

18K1A720 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  18K1A720 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
A
B
B
C
C
D
D
E
E
F
F
A
A
B
B
C
C
D
D
dim. in mm
R
date
drawn
Inventor 10
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
CUSTOMER APPROVAL DATE:
NAME:
TITLE:
COMPANY NAME:
APPROVAL # FREIGABE # DEBLOCAGE # AUTORIZACION # APPROVAL
APPROVAL # FREIGABE # DEBLOCAGE # AUTORIZACION # APPROVAL
18K1A720
A3
1
SC DUPLEX ADAPTER
see technical data
Schmidt
20.04.10
16.05.10
Kühle
MULTIMODE; METAL
with thread
3:1
18-007420
aOrigin
MOUNTING CUTOUT
WALL THICKNESS
TECHNICAL DATA:
OUTER HOUSING MATERIAL: ZINC DIE CAST; NICKEL PLATED
INNER HOUSING MATERIAL: PLASTC (UL 94 V-0); BEIGE
SLEEVE: PHOSPHOR-BRONZE
THREADED INSERTS: COPPER ALLOY; TIN PLATED
SPRING: STAINLESS STEEL
ADAPTERS ARE SUPPLIED WITH DUST CAPS
9,7 - 0
0,3
+
1,6
max.
9,35 - 0,4
0,1
+
12,3
27,8
3,2
min. 1,6


Similar Part No. - 18K1A720

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
18K1A723 CONEC-18K1A723 Datasheet
195Kb / 1P
FC SIMPLEX ADAPTER SINGLEMODE; METAL with through hole
16.05.10
18K1A724 CONEC-18K1A724 Datasheet
195Kb / 1P
FC SIMPLEX ADAPTER MULTIMODE; METAL with through hole
16.05.10
18K1A725 CONEC-18K1A725 Datasheet
194Kb / 1P
FC SIMPLEX ADAPTER MULTIMODE; METAL with through hole
16.05.10
18K1A726 CONEC-18K1A726 Datasheet
174Kb / 1P
ST SIMPLEX ADAPTER SINGLEMODE; PLASTIC with through hole
16.05.10
18K1A727 CONEC-18K1A727 Datasheet
175Kb / 1P
ST SIMPLEX ADAPTER MULTIMODE; PLASTIC with through hole
16.05.10
More results

Similar Description - 18K1A720

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85335-0009 MOLEX-85335-0009 Datasheet
72Kb / 1P
Metal SC-ST & SC-SC Duplex Adapters
logo
Tripp Lite. All Rights ...
N456000 TRIPPLITE-N456000 Datasheet
484Kb / 2P
Duplex Multimode Fiber Coupler (SC-ST)
logo
Molex Electronics Ltd.
1060590230 MOLEX1-1060590230 Datasheet
44Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode
1060597200 MOLEX1-1060597200 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode, Metal Dust Cover, with Logo
1060597400 MOLEX1-1060597400 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode, Metal Dust Cover, without Logo
logo
Tripp Lite. All Rights ...
N456-000 TRIPPLITE-N456-000 Datasheet
157Kb / 2P
Duplex Multimode Fiber Coupler (SC/ST)
logo
Molex Electronics Ltd.
1061660010 MOLEX-1061660010 Datasheet
51Kb / 1P
SC to SC Adapter, Duplex, Multimode, Beige Body, Ceramic Alignment Sleeve, Snap Mount Style
1061670010 MOLEX-1061670010 Datasheet
51Kb / 1P
SC to SC Adapter, Duplex, Multimode, Beige Body, Metal Alignment Sleeve, Flange Mount Style
1060590230 MOLEX-1060590230_V01 Datasheet
44Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode
1060597200 MOLEX-1060597200_V01 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode, Metal Dust Cover, with Logo
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com