Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA3020RWS/Z Datasheet(PDF) 4 Page - Kingbright Corporation

Part # AA3020RWS/Z
Description  3.0x2.0mm SURFACE MOUNT LED LAMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3020RWS/Z Datasheet(HTML) 4 Page - Kingbright Corporation

  AA3020RWS/Z Datasheet HTML 1Page - Kingbright Corporation AA3020RWS/Z Datasheet HTML 2Page - Kingbright Corporation AA3020RWS/Z Datasheet HTML 3Page - Kingbright Corporation AA3020RWS/Z Datasheet HTML 4Page - Kingbright Corporation AA3020RWS/Z Datasheet HTML 5Page - Kingbright Corporation AA3020RWS/Z Datasheet HTML 6Page - Kingbright Corporation AA3020RWS/Z Datasheet HTML 7Page - Kingbright Corporation AA3020RWS/Z Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SPEC NO: DSAH4501
REV NO: V.2
DATE: MAY/26/2007
PAGE: 4 OF 8
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.J.LIU
ERP: 1201002983
White
AA3020RWS/Z
Brightness codes
luminous Intensity
Note1
Iv(mcd) @ 20mA
Φv (mlm)
Note2
@ 20mA
Code.
Min.
Max.
Typ.
T
650
1200
3260
U
900
1500
3350
V
1200
1800
3400
Notes:
1.Luminous intensity is measured by a current pulse of 10ms at a tolerance of ±15%.
2.The typical data of Luminous Flux can only reflect statistical figures, actual parameters of individual product could differ from the typical data.
For the purpose of product enhancement, the typical data is subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com