Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBP00340 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBP00340
Description  SMD Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBP00340 Datasheet(HTML) 1 Page - Comchip Technology

  CDBP00340 Datasheet HTML 1Page - Comchip Technology CDBP00340 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page1
Comchip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com
Maximum Ratings (at TA=25ºC unless otherwise specified)
Electrical Ratings (at TA=25ºC unless otherwise specified)
Small Surface Mounting Type
High Reliability
Low Reverse Current and Low Forward Voltage
Features:
Reverse Voltage: 30 Volts
Forward Current: 30 mA
CDBP00340 (RoHS Device)
SMD Schottky Barrier Diode
Case: Molded plastic SOD-723
Terminals: Solderable per MIL-STD-750, Method
2026.1.
Polarity: Indicated by cathode band.
Mounting position: Any.
Marking: F
Mechanical Data:
“-G” suffix designated RoHS compliant version
Parameter
Peak reverse voltage
DC reverse voltage
Mean rectifying current
Peak forward surge current
Junction temperature
Storage temperature
Symbol
VRM
VR
Io
IFSM
Tj
Tstg
Limits
40
30
30
200
125
-40~+125
Unit
V
V
mA
mA
ºC
ºC
Parameter
Forward voltage
Reverse current
Capacitance between
terminals
Symbol
VF
IR
CT
Min.
Max.
0.37
0.5
Typ.
2
Unit
V
μA
pF
Conditions
IF=1mA
VR=30V
VR=1V, f=1MHz
A
A1
b
c
D
E
E1
E2
L
0.021
0.020
0.010
0.003
0.022
0.035
0.051
0.001
0.026
0.023
0.014
0.006
0.026
0.043
0.059
0.003
0.525
0.515
0.250
0.080
0.550
0.900
1.300
0.010
0.650
0.580
0.350
0.150
0.650
1.100
1.500
0.070
Inches
Millimeters
Symbol
Min.
Max.
Min.
Max.
7º REF
7º REF
0.200 REF
0.008 REF
θ
+
-
E
E1
E2
b
D
A
A1
L
c
θ
θ
SOD-723


Similar Part No. - CDBP00340

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBP00340-HF COMCHIP-CDBP00340-HF Datasheet
480Kb / 4P
SMD Schottky Barrier Diode
REV:A
More results

Similar Description - CDBP00340

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com