Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS1065P Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # SCS1065P
Description  650V/10A SiC Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SCS1065P Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  SCS1065P Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SCS1065P Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . SCS1065P Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . SCS1065P Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SCS1065P
Thermal characteristics
Symbol
Parameter
Typ.
Units
Rth (JC)
Thermal resistance, junction-case
1.20
°C /W
Electrical Characteristics
Symbol
Parameter
Min.
Typ.
Max. Units
Test Condition
VDC
DC blocking voltage
650
-
-
V
Tj = 25 °C, IR=2.0mA
VF
Forward voltage
-
1.35
1.50
1.60
1.50
-
-
V
IF = 10 A, Tj = 25 °C
IF = 10 A, Tj = 150 °C
IF = 10 A, Tj = 175 °C
IR
Reverse current
-
1
20
50
50
-
-
μA
VR = 650 V, Tj= 25 °C
VR = 650 V, Tj= 150 °C
VR = 650 V, Tj= 175 °C
QC
Total capacitive charge
-
23
-
nC
VR = 400 V, Tj = 25 °C,
VR
Qc=
C(V)dV
0
C
Total capacitance
-
390
38
-
pF
VR = 1V, f = 1MHz, Tj= 25°C
VR = 400 V, f = 1MHz, Tj= 25°C
∫



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com