Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA3528PR2C/A Datasheet(PDF) 2 Page - Kingbright Corporation

Part # AA3528PR2C/A
Description  3.5x2.8 mm SMD CHIP LED LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3528PR2C/A Datasheet(HTML) 2 Page - Kingbright Corporation

  AA3528PR2C/A Datasheet HTML 1Page - Kingbright Corporation AA3528PR2C/A Datasheet HTML 2Page - Kingbright Corporation AA3528PR2C/A Datasheet HTML 3Page - Kingbright Corporation AA3528PR2C/A Datasheet HTML 4Page - Kingbright Corporation AA3528PR2C/A Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAH1360
REV NO: V.1
DATE: JAN/15/2007
PAGE: 2 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP: 1201002730
Selection Guide
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Part No.
Dice
Lens Type
Iv (mcd) [2]
@ 20mA
Viewing
Angle [1]
Min.
Typ.
2
θ1/2
AA3528PR2C/A
PINK (InGaN)
WATER CLEAR
180
290
120
°
Parameter
Pink
Units
Power dissipation
114
mW
DC Forward Current
30
mA
Peak Forward Current [1]
100
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
VF [1]
Forward Voltage
Pink
3.3
3.8
V
IF=20mA
IR
Reverse Current
Pink
10
uA
VR = 5V
X [2]
Chromaticity Coordinates
Pink
0.3
Y [2]
0.2
C
Capacitance
Pink
100
pF
VF=0V;f=1MHz
Notes:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity / luminous flux: +/-15%.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Notes:
1. Forward Voltage: +/-0.1V.
2. Chromaticity Coordinates X, Y: +/-0.03.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com