Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZTTLS Datasheet(PDF) 1 Page - Yuechung International Corp.

Part # ZTTLS
Description  ZTT - DIP Series of Ceramic Resonator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

ZTTLS Datasheet(HTML) 1 Page - Yuechung International Corp.

  ZTTLS Datasheet HTML 1Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZTTLS□MT,MX Series
ZTTRS□MG,MX Series
ZTTWS□MG Series
●
TEST CIRCUIT FOR MOS IC
●
TECHNICAL CHARACTERISTICS
●
DIMENSIONS (UNIT : mm)
ZTTCC□MG Series
ZTTCP□MG Series
ZTTCR□MG Series
ZTTCE□MG Series
ZTTCS□MT/MX Series
●
RECOMMENDED LAND PATTERN
ZTTCV□MT/MX Series
ZTTCW□MX Series
① Input
② Ground
③ Output
●
TECHNICAL CHARACTERISTICS
± 0.3
± 0.5
± 0.5
± 0.5
± 0.5
± 0.5
8.00 - 12.00
6.00 - 13.00
8.00 - 13.00
13.01 - 60.00
16.00 - 60.00
20.00 - 60.00
ZTTCV□MT
ZTTCW□MX
ZTTCV□MX
Part Number
ZTTCS□MX
ZTTCC□MG
ZTTCP□MG
ZTTCR□MG
ZTTCE□MG
ZTTCS□MT
Frequency Range
(MHz)
1.80 - 8.00
2.00 - 12.00
4.00 - 8.00
± 0.3
± 0.3
± 0.3
± 0.3
± 0.3
± 0.3
Frequency
Accuracy (25°C)
± 0.5
± 0.5
± 0.5
± 0.5
± 0.2
± 0.3
± 0.3
± 0.4
± 0.4
± 0.3
± 0.3
Stability Temperature
(-20~+85°C) max. (%)
± 0.3
-25 ~ +85
-40 ~ +125
-25 ~ +85
-25 ~ +85
-25 ~ +85
-25 ~ +85
-25 ~ +85
-25 ~ +85
-25 ~ +85
± 0.1
± 0.3
Frequency
Range (MHz)
Frequency
Accuracy
(25°C)
Stability
Temperature
(-20~+80°C)
max.(%)
Operating
Temperature
(°C)
Aging For
Ten Year
(%)
± 0.3
Operating
Temperature (°C)
Aging For
Ten Year (%)
4.1± 0.2
3.1± 0.2
2.0± 0.2
-25 ~ +85
± 0.3
12.00 - 60.00
± 0.5
± 0.3
-25 ~ +85
± 0.3
-25 ~ +85
0.8± 0.2
0.4± 0.2
0.4± 0.2
1.79 - 6.00
± 0.5
± 0.3
6.00 - 13.00
± 0.5
± 0.3
3.4± 0.2
3.0± 0.2
2.0± 0.2
1.3± 0.2
± 0.3
8.00 - 12.50
± 0.5
± 0.3
-25 ~ +85
± 0.3
T2
T3
W1
2.5± 0.2
2.4± 0.2
Size Code
Part Number
ZTTCC□MG
ZTTCP□MG
1.5± 0.2
1.2± 0.2
ZTTCR□MG
ZTTCE□MG
1.95± 0.2
1.5± 0.2
1.0± 0.2
Part Number
ZTTLS□MT
ZTTLS□MX
ZTTRS□MG
ZTTWS□MG
ZTTCS□MT/MX
ZTTCV□MT/MX
ZTTCW□MX
0.8± 0.2
0.7± 0.2
0.4± 0.2
1.2± 0.2
1.2± 0.2
0.8± 0.2
0.4± 0.2
0.8± 0.2
0.7± 0.2
T1
DIMENSIONS (UNIT : mm)
1.2± 0.2
1.2± 0.2
Ceramic Resonator (ZTTLS/ZTTRS/ZTTWS/ZTTCC/ZTTCP/ZTTCR/ZTTCE/ZTTCV/ZTTCWSeries)
ZTT - DIP Series of Ceramic Resonator
1.79 - 60.00MHz
ZTT - SMD Series of Ceramic Resonator
1.80 - 60.00MHz


Similar Part No. - ZTTLS

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
ZTT AURIS-ZTT Datasheet
163Kb / 1P
Resonator THT, 3 Pin
logo
ECM Electronics Limited...
ZTT ECM-ZTT Datasheet
99Kb / 1P
Electronics Ceramic Resonator
logo
List of Unclassifed Man...
ZTT ETC2-ZTT Datasheet
162Kb / 1P
CERAMIC RESONATOR
ZTT ETC2-ZTT Datasheet
61Kb / 1P
2.000MHz to 25.000MHz
logo
AEL Crystals Ltd
ZTT AEL-ZTT Datasheet
144Kb / 1P
Ceramic Resonators
More results

Similar Description - ZTTLS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CST8 MURATA-CST8 Datasheet
457Kb / 10P
Technical Data of Ceramic Resonator
logo
List of Unclassifed Man...
CSBLA1M ETC-CSBLA1M Datasheet
71Kb / 12P
Technical Data of Ceramic Resonator
logo
Token Electronics Indus...
ZTT16.93MXP TOKEN-ZTT16.93MXP Datasheet
383Kb / 3P
ZTT MHZ Ceramic Resonators
logo
Murata Manufacturing Co...
CSTCC10M0G53-R0 MURATA-CSTCC10M0G53-R0 Datasheet
503Kb / 13P
Specification of Piezoelectric Ceramic Resonator
logo
PETERMANN-TECHNIK
ZTT-MT PETERMANN-ZTT-MT Datasheet
803Kb / 3P
THT ZTT SERIES CERAMIC RESONATORS
logo
Murata Manufacturing Co...
CSTNE8M00G52A000R0 MURATA-CSTNE8M00G52A000R0 Datasheet
1,001Kb / 19P
Specification of Piezoelectric Ceramic Resonator
CSTNE10M0GH5L000R0 MURATA-CSTNE10M0GH5L000R0 Datasheet
602Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G520000R0 MURATA-CSTNE12M0G520000R0 Datasheet
903Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5C000R0 MURATA-CSTNE12M0GH5C000R0 Datasheet
659Kb / 19P
Specification of Piezoelectric Ceramic Resonator
logo
AiT Semiconductor Inc.
ZTT AITSEMI-ZTT Datasheet
187Kb / 1P
CERAMIC RESONATOR ZTT/ZTTCx
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com