Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA4040RWC/Z Datasheet(PDF) 4 Page - Kingbright Corporation

Part # AA4040RWC/Z
Description  4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA4040RWC/Z Datasheet(HTML) 4 Page - Kingbright Corporation

  AA4040RWC/Z Datasheet HTML 1Page - Kingbright Corporation AA4040RWC/Z Datasheet HTML 2Page - Kingbright Corporation AA4040RWC/Z Datasheet HTML 3Page - Kingbright Corporation AA4040RWC/Z Datasheet HTML 4Page - Kingbright Corporation AA4040RWC/Z Datasheet HTML 5Page - Kingbright Corporation AA4040RWC/Z Datasheet HTML 6Page - Kingbright Corporation AA4040RWC/Z Datasheet HTML 7Page - Kingbright Corporation AA4040RWC/Z Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SPEC NO: DSAH1109
REV NO: V.2
DATE: JUN/07/2007
PAGE: 4 OF 8
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP: 1201003032
White
AA4040RWC/Z
Brightness codes
luminous Intensity
Note1
Iv(mcd) @ 20mA
Φv (mlm)
Note2
@ 20mA
Code.
Min.
Max.
Typ.
T
650
1100
2700
U
900
1500
2810
V
1200
1800
2900
S
480
750
2650
Notes:
1.Luminous intensity is measured by a current pulse of 10ms at a tolerance of ±15%.
2.The typical data of Luminous Flux can only reflect statistical figures, actual parameters of individual product could differ from the typical data.
For the purpose of product enhancement, the typical data is subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com