Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18K1A771 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 18K1A771
Description  ST DUPLEX ADAPTER MULTIMODE; PLASTIC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

18K1A771 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  18K1A771 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
1
2
2
3
3
4
4
5
5
6
6
A
A
B
B
C
C
D
D
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
18K1A771
A3
1
ST DUPLEX ADAPTER
see technical data
Henneboel
31.01.13
31.01.13
Koch
MULTIMODE; PLASTIC
2:1
18-007740
a
Original
2,2
min.
9,7
1,6
max.
MOUNTING CUTOUT
WALL THICKNESS
TECHNICAL DATA:
OUTER HOUSING MATERIAL: PLASTIC (UL 94V-0); BEIGE
SLEEVE: PHOSPHOR-BRONZE
ADAPTERS ARE SUPPLIED WITH DUST CAPS
Directive 2002/95/EC RoHS compliant
9,35
Ø2,2
3,2
13,1
29,4


Similar Part No. - 18K1A771

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
18K1A770 CONEC-18K1A770 Datasheet
151Kb / 1P
ST DUPLEX ADAPTER Singlemode; PLASTIC
31.01.13
18K1A772 CONEC-18K1A772 Datasheet
197Kb / 1P
FC DUPLEX METAL ADAPTER MULTIMODE; METAL with screws M2x6
30.01.13
18K1A773 CONEC-18K1A773 Datasheet
196Kb / 1P
FC DUPLEX METAL ADAPTER MULTIMODE; METAL with screws M2x6
30.01.13
18K1A776 CONEC-18K1A776 Datasheet
1Mb / 1P
LC CONNECTOR SINGLE MODE / MULTI MODE / APC SINGLE MODE
31.07.13
More results

Similar Description - 18K1A771

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N456000 TRIPPLITE-N456000 Datasheet
484Kb / 2P
Duplex Multimode Fiber Coupler (SC-ST)
logo
Molex Electronics Ltd.
1060590200 MOLEX1-1060590200 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode
1060590230 MOLEX1-1060590230 Datasheet
44Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode
1060597250 MOLEX1-1060597250 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode, Plastic Dust Cover, with Logo
1060597450 MOLEX1-1060597450 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode, Plastic Dust Cover, without Logo
logo
Tripp Lite. All Rights ...
N456-000 TRIPPLITE-N456-000 Datasheet
157Kb / 2P
Duplex Multimode Fiber Coupler (SC/ST)
logo
Molex Electronics Ltd.
1060590200 MOLEX-1060590200_V01 Datasheet
22Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode
1060590230 MOLEX-1060590230_V01 Datasheet
44Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode
1060597250 MOLEX-1060597250_V01 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode, Plastic Dust Cover, with Logo
1060597450 MOLEX-1060597450_V01 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode, Plastic Dust Cover, without Logo
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com