Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCT4204 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCT4204
Description  Field Effect Transistor Silicon N Channel MOS Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCT4204 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCT4204 Datasheet HTML 1Page - Toshiba Semiconductor TPCT4204 Datasheet HTML 2Page - Toshiba Semiconductor TPCT4204 Datasheet HTML 3Page - Toshiba Semiconductor TPCT4204 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPCT4204
2004-11-09
2
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2a,3)
Rth (ch-a)
76
°C/W
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2b,3)
Rth (ch-a)
244
°C/W
Marking (Note 6)
Note 1: Ensure that the channel temperature does not exceed 150℃.
Note 2:
(a) Device mounted on a glass-epoxy board
(b) Device mounted on a glass-epoxy board
Note 3: The power dissipation and thermal resistance values are shown for both FETs.
Note 4: VDD = 24 V,Tch = 25°C (initial),L = mH,RG = 25 Ω,IAR = 6 A
Note 5: Repetitive rating: pulse width limited by max channel temperature.
Note 6: ○ on lower left of the marking indicates Pin 1.
TENTATIVE
Lot No. (weekly code)
Product-specific code
2 0 4
Part No.
(or abbreviation code)
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Lot code (month)
Pin #1
Lot code
(year)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
(a)
(b)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com