Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPM Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # BPM
Description  Pushbutton switches, optional LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

BPM Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  BPM Datasheet HTML 1Page - Apex Electronics Co., Ltd BPM Datasheet HTML 2Page - Apex Electronics Co., Ltd BPM Datasheet HTML 3Page - Apex Electronics Co., Ltd BPM Datasheet HTML 4Page - Apex Electronics Co., Ltd BPM Datasheet HTML 5Page - Apex Electronics Co., Ltd BPM Datasheet HTML 6Page - Apex Electronics Co., Ltd BPM Datasheet HTML 7Page - Apex Electronics Co., Ltd BPM Datasheet HTML 8Page - Apex Electronics Co., Ltd BPM Datasheet HTML 9Page - Apex Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BPM Series
Pushbutton switches, optional LED
01
SPECIFICATIONS
CONTACT RATING: Dependent upon contact material
see page 106.
MECHANICAL LIFE: 50,000 make-and-break cycles.
CONTACT RESISTANCE: 20m max. initial @ 2-4VDC
100mA for both silver and gold plated contacts.
INSULATION RESISTANCE: 1,000M min.
DIELECTRIC STRENGTH: 1,000 Vrms min.@sea level.
OPERATING TEMPERATURE: -30°C to 85°C.
MATERIALS
CASE: Diallyl phthalate(DAP) (UL94V-0).
PLUNGER: Glass filled Nylon or Glass filled polyester.(PBT)
BUSHING: Brass,nickel plated.
HOUSING: Stainless Steel.
CONTACT: Brass or Copper alloy, silver or gold plated.
BPMSL/BPMDL with gold over silver for plating
(See Page 106)
HOW TO ORDER
BPMS7 On-Mom
BPMD7 On-Mom
BPMSLOn-On
BPMDLOn-On
MODEL NO.
BUSHING
ACTUATOR
RoHS
SOLDERING
TERMINATIONS TERMINAL
PLATING
SEAL
CAPS
M1
M2
M5
M6
M6N
M7
VS2
V2N
VS3
VS4
VS5
Solder Lug
PC thru-hole
Wire wrap
Right angle, PC thru-hole
Right angle, snap-in, PC thru-hole
Vertical right angle, PC thru-hole
11.68 high, V-bracket
11.68 high, snap-in V-bracket
16.00 high, V-bracket
11.68 high, V-bracket
16.00 high, V-bracket
Terminations
Q Silver
R Gold
C Gold over silver
E EPOXY (std)
N NO EPOXY
Seal
C1
C2
C3
C4
C6
C7
KC
Caps
P1 5.54 high
P1 7.11 high(for lock)
PA 5.54 high (Metal material)
PB 7.00 high (Metal material,15/32 bushing)
PC 8.75 high (Metal material,B60 bushing only)
Actuator
Model NO.
B10
B11
B20
B21
AP2
AP4
AP5
AP6
6.35 high,keyway (the std)
6.35 high,flat (the std)
6.35 high,keyway (non-thd)
6.35 high,flat (non-thd)
Cap frame
Cap frame-(flat)
Cap with frame for
LED,snap-in
Cap with frame for
LED,snap-in-(flat)
Bushing
1
2
3
4
5
6
7
8
9
Red
White
Black (Std)
Orange
Green
Brown
Blue
Yellow
COLOR
Gray
ITEM NO
Frame/Cap color
CAP
COLOR
FRAME
COLOR
See below
RoHS Compliant
RoHS & Lead Free
S
RoHS soldering
Terminal plating
Bushing
Model NO.
B60
B61
B70
B71
AP2
AP5
7.62 high,keyway (the std)
7.62 high,flat (the std)
7.62 high,keyway (non-thd)
7.62 high,flat (non-thd)
Cap frame
Cap with frame for
LED,snap-in
(See Page 106)
*
Besides standard color,
other colors need to check stocks available.


Similar Part No. - BPM

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
BPM-01 BOWEI-BPM-01 Datasheet
132Kb / 1P
BPSK Modulatior
BPM-02A BOWEI-BPM-02A Datasheet
132Kb / 1P
BPSK Modulatior
BPM-02AM BOWEI-BPM-02AM Datasheet
132Kb / 1P
BPSK Modulatior
BPM-02B BOWEI-BPM-02B Datasheet
132Kb / 1P
BPSK Modulatior
BPM-02BM BOWEI-BPM-02BM Datasheet
132Kb / 1P
BPSK Modulatior
More results

Similar Description - BPM

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
Momentary Pushbutton Switches with LED
logo
E-SWITCH
700A E-SWITCH-700A Datasheet
570Kb / 3P
PUSHBUTTON SWITCHES
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com