Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BRM Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # BRM
Description  Rocker Switch, multiple contact arrangement
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

BRM Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  BRM Datasheet HTML 1Page - Apex Electronics Co., Ltd BRM Datasheet HTML 2Page - Apex Electronics Co., Ltd BRM Datasheet HTML 3Page - Apex Electronics Co., Ltd BRM Datasheet HTML 4Page - Apex Electronics Co., Ltd BRM Datasheet HTML 5Page - Apex Electronics Co., Ltd BRM Datasheet HTML 6Page - Apex Electronics Co., Ltd BRM Datasheet HTML 7Page - Apex Electronics Co., Ltd BRM Datasheet HTML 8Page - Apex Electronics Co., Ltd BRM Datasheet HTML 9Page - Apex Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BRM Series
Rocker Switch, multiple contact arrangement
01
SPECIFICATIONS
CONTACT RATING: Dependent upon contact material See Page 12.
MECHANICAL LIFE: 40,000 make-and-break cycles.
CONTACT RESISTANCE: 10 m max. initial @ 2-4VDC
100mA for both silver and gold plated contacts.
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 1,000 Vrms min.@sea level.
OPERATING TEMPERATURE: -30°C to 85°C.
MATERIALS
CASE: Diallyl phthalate (DAP) (UL94v-0).
ACTUATOR: Nylon,black std.
BUSHING: Brass or Zinc,nickel plated.
HOUSING: Stainless Steel.
SWITCH SUPPORT: Brass,tin plated.
TERMINAL/CONTACT: Copper alloy,with silver or gold plated.
(See Page 12)
HOW TO ORDER
R1
R2
R3
R4
R5
R6
R6K
R7
R7K
R8
R9
R11
R12
R13
R16
R17
R18
RB
P.C. Mount only
J1
J2
J3
J4
J5
J6
J7
J8
JB
13.49 long rocker - support
Lever - support
23.01 long rocker - support
Lever - support
33.48 long rocker - support
Rocker with frame
Rocker with frame,snap-in
Lever with frame
Lever with frame,snap-in
Lever with frame
Lever with frame
9.19 long rocker - support
Lever - support
Lever - support
Lever - support
Rocker with frame for
LED,snap-in
Lever with frame for
LED,snap-in
17.75 long rocker - support
13.49 long rocker
Lever
23.01 long rocker
Lever
9.19 long rocker
Lever
Lever
Lever
17.75 long rocker
BRMS1 SP On-None-On
BRMS2 SP On-None-Mom.
BRMS3 SP On-Off-On
BRMS4 SP Mom.-Off-Mom.
BRMS5 SP On-Off-Mom.
BRMD1 DP On-None-On
BRMD2 DP On-None-Mom.
BRMD3 DP On-Off -On
BRMD4 DP Mom.-Off-Mom.
BRMD5 DP On-Off-Mom.
BRMD6 DP On-On-On
BRMD7 DP Mom.-On-Mom.
BRMD8 DP On-On-Mom.
BRM31 3P On-None-On
BRM32 3P On-None-Mom.
BRM33 3P On-Off-On
BRM34 3P Mom.-Off-Mom.
BRM35 3P On-Off-Mom.
BRM41 4P On-None-On
BRM42 4P On-None-Mom.
BRM43 4P On-Off-On
BRM44 4P Mom.-Off-Mom.
BRM45 4P On-Off-Mom.
BRM46 4P On-On-On
BRM47 4P Mom.-On-Mom.
BRM48 4P On-On-Mom.
MODEL NO.
ACTUATOR
RoHS
SOLDERING
RoHS soldering
TERMINATIONS TERMINAL
PLATING
SEAL
E EPOXY (std)
N NO EPOXY
M1
M2
M3
M51
M52
M53
M54
M6
M7
VS2
V2N
VS3
VS4
VS5
Solder Lug
PC thru-hole
Quick Connect
18.70 high, wire wrap
24.20 high, wire wrap
10.55 high, wire wrap
26.97 high, wire wrap
Right angle, PC thru-hole
Vertical right angle, PC thru-hole
11.68 high, V-bracket
11.68 high, snap-in V-bracket
16.00 high, V-bracket
11.68 high, V-bracket
16.00 high, V-bracket
Terminations
Terminal plating
Q Silver
R Gold
C Gold over silver
Seal
Model NO.
Actuator
Actuator marking
ACTUATOR
MARKING
J
5
7
L
8
6
2
1
1
2
3
4
5
6
7
8
9
Red
White
Black (Std)
Orange
Green
Brown
Blue
Yellow
COLOR
Gray
ITEM NO
ACTUATOR
COLOR
FRAME
COLOR
See below
RoHS Compliant
RoHS & Lead Free
S
Frame/Actuator Color
*
Besides standard color,
other colors need to check stocks available.


Similar Part No. - BRM

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BRM-1020 BRIGHT-BRM-1020 Datasheet
238Kb / 5P
INFRARED RECEIVER MODULE
BRM-1020-NS BRIGHT-BRM-1020-NS Datasheet
207Kb / 4P
INFRARED RECEIVER MODULE
BRM-1022 BRIGHT-BRM-1022 Datasheet
334Kb / 6P
Infrared Remote-control receiver Module
BRM-1030 BRIGHT-BRM-1030 Datasheet
312Kb / 6P
Infrared Remote-control receiver Module
BRM-1030-NS BRIGHT-BRM-1030-NS Datasheet
152Kb / 5P
Infrared Remote-control
More results

Similar Description - BRM

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRB049A05BB1 CWIND-GRB049A05BB1 Datasheet
667Kb / 1P
ROCKER SWITCH
GRB136A05BB2 CWIND-GRB136A05BB2 Datasheet
621Kb / 1P
ROCKER SWITCH
GRB263A101RN1D CWIND-GRB263A101RN1D Datasheet
728Kb / 1P
ROCKER SWITCH
GRB263D001NNN CWIND-GRB263D001NNN Datasheet
691Kb / 1P
ROCKER SWITCH
GRB290AL405BBR CWIND-GRB290AL405BBR Datasheet
684Kb / 1P
ROCKER SWITCH
logo
C&K Components
SR3 CK-COMPONENTS-SR3 Datasheet
137Kb / 2P
Switch Rocker
logo
TE Connectivity Ltd
KUP93 TEC-KUP93 Datasheet
145Kb / 2P
Contact arrangement to 3PDT
logo
ZF Friedrichshafen AG
WRG32F2FBBRLN ZFSWITCHES-WRG32F2FBBRLN Datasheet
281Kb / 2P
Rocker Switch
logo
Nihon Kaiheiki Industry...
GW-12LRH NKK-GW-12LRH Datasheet
3Mb / 10P
rocker switch
logo
Panasonic Semiconductor
HE-R PANASONIC-HE-R Datasheet
589Kb / 4P
Contact arrangement of 4a or 4a1b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com