Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSE Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # BSE
Description  Subminiature Slide Switch, multiple contact arrangement, washable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

BSE Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  BSE Datasheet HTML 1Page - Apex Electronics Co., Ltd BSE Datasheet HTML 2Page - Apex Electronics Co., Ltd BSE Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BSE Series
Subminiature Slide Switch, multiple contact arrangement, washable
01
SPECIFICATIONS
CONTACT RATING: Max 0.4 VA max @ 48 VAC or DC
MECHANICAL LIFE: minimum 40,000 operations.
CONTACT RESISTANCE:
INSULATION RESISTANCE:
DIELECTRIC STRENGTH: 500V, 50 Hz for the duration of 1 mimute.
OPERATING TEMPERATURE:
DEGREE OF PROTECITON: IP67
MATERIALS
ACTUATOR: PBT,yellow std.
HOUSING/SWITCH SUPPORT: Brass, Ni plated.
CASE: Glass filled nylon 6/6, flame retardant,heat stabilized
(UL94v-0)
CONTACT: Phosphor bronze gold - plated over nickel barrier.
TERMINALS: Brass,gold plated.
TERMINAL SEAL: Epoxy
ACTUATOR
MODEL NO.
RoHS
SOLDERING
TERMINATIONS
TERMINAL
PLATING
SEAL
Model NO.
BSES1 SP On-None-On
BSES3 SP On-Off -On
BSED1 DP On-None-On
BSED3 DP On-Off -On
E EPOXY (std)
M6
MZ
PC thru-hole
Right angle, PC thru-hole
(SMT)
Terminations
Rohs soldering
Terminal plating
R Gold
Seal
E
RoHS Compliant
RoHS & Lead Free
S
S105
Actuator
HOW TO ORDER


Similar Part No. - BSE

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
BSE-020-01-F-D-A SAMTEC-BSE-020-01-F-D-A Datasheet
171Kb / 1P
.8mm DOUBLE ROW SOCKET ASSEMBLY
BSE-040-01-L-D-A SAMTEC-BSE-040-01-L-D-A Datasheet
149Kb / 1P
BASIC BLADE & BEAM HEADER & SOCKET
logo
ETA-USA
BSE-SA ETA-USA-BSE-SA Datasheet
157Kb / 2P
150 WATT AC-DC CONVERTER
BSE-SB ETA-USA-BSE-SB Datasheet
201Kb / 2P
150 WATT AC-DC CONVERTER
logo
Balluff Korea Ltd.
BSE0005 BALLUFF-BSE0005 Datasheet
104Kb / 2P
Mechanical Cam Switches
2_2022-05-17
More results

Similar Description - BSE

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSF011700 ALPS-SSSF011700 Datasheet
317Kb / 5P
Slide Switch
SSSS213000 ALPS-SSSS213000 Datasheet
698Kb / 6P
Slide Switch
SSSS710100 ALPS-SSSS710100 Datasheet
455Kb / 5P
Slide Switch
SSSS820101 ALPS-SSSS820101 Datasheet
426Kb / 6P
Slide Switch
SSST010500 ALPS-SSST010500 Datasheet
245Kb / 2P
Slide Switch
logo
List of Unclassifed Man...
U573 ETC2-U573 Datasheet
34Kb / 1P
SUBMINIATURE WASHABLE MOMENTARY PUSHBUTTON SWITCHES
NK236 ETC2-NK236 Datasheet
254Kb / 1P
Subminiature slide switches
NK236 ETC2-NK236 Datasheet
62Kb / 1P
Subminiature slide switches
logo
TE Connectivity Ltd
KUP93 TEC-KUP93 Datasheet
145Kb / 2P
Contact arrangement to 3PDT
logo
Panasonic Semiconductor
HE-R PANASONIC-HE-R Datasheet
589Kb / 4P
Contact arrangement of 4a or 4a1b
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com