Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSF Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # BSF
Description  Subminiature Slide Switch, multiple contact arrangement
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

BSF Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  BSF Datasheet HTML 1Page - Apex Electronics Co., Ltd BSF Datasheet HTML 2Page - Apex Electronics Co., Ltd BSF Datasheet HTML 3Page - Apex Electronics Co., Ltd BSF Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BSF Series
Subminiature Slide Switch, multiple contact arrangement
01
SPECIFICATIONS
CONTACT RATING: Dependent upon contact material See Page 89.
MECHANICAL LIFE: 30,000 make-and-break cycles.
CONTACT RESISTANCE: 20 m max. initial @ 2-4VDC
100mA for both silver and gold plated contacts.
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 1,000 Vrms min.@sea level.
OPERATING TEMPERATURE: -40°C to 85°C.(std)
-30°C to 85°C.(SMT)
MATERIALS
CASE: Diallyl phthalate (DAP) (UL94v-0).
HOUSING: Stainless steel or phosphor bronze,tin plated.
ACTUATOR: Nylon,black std.
CONTACT: Brass or copper alloy,with silver or gold plated.
TERMINALS: Copper alloy,with silver and gold plated.
3.10 high
5.00 high
BSFS1 SP On-None-On
BSFS3 SP On-Off-On
BSFD1 DP On-None-On
BSFD3 DP On-Off -On
MODEL NO.
ACTUATOR
RoHS
SOLDERING
RoHS soldering
TERMINATIONS
TERMINAL
PLATING
SEAL
E EPOXY (std)
N NO EPOXY
M2
M5
M6
M6N
M7N
MZ
PC thru-hole
Wire wrap
Right angle, PC thru-hole
Right angle, snap-in, PC thru-hole
Vertical right angle, snap-in, PC thru-hole
Surface mount.
Terminations
Terminal plating
Q Silver
R Gold
C Gold over silver
Seal
Model NO.
Actuator
RoHS Compliant
RoHS & Lead Free
S
S102
S202
HOW TO ORDER
IN
D
O
M
C


Similar Part No. - BSF

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BSF-108 MINI-BSF-108 Datasheet
405Kb / 2P
Band Stop Filter
BSF-108+ MINI-BSF-108+ Datasheet
405Kb / 2P
Band Stop Filter
BSF-C100 MINI-BSF-C100 Datasheet
381Kb / 3P
Band Stop Filter
BSF-C100+ MINI-BSF-C100+ Datasheet
381Kb / 3P
Band Stop Filter
BSF-C125 MINI-BSF-C125 Datasheet
380Kb / 3P
Band Stop Filter
More results

Similar Description - BSF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
105-SV68010F-23FT ETC2-105-SV68010F-23FT Datasheet
71Kb / 1P
Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSSF011700 ALPS-SSSF011700 Datasheet
317Kb / 5P
Slide Switch
SSSS213000 ALPS-SSSS213000 Datasheet
698Kb / 6P
Slide Switch
SSSS710100 ALPS-SSSS710100 Datasheet
455Kb / 5P
Slide Switch
SSSS820101 ALPS-SSSS820101 Datasheet
426Kb / 6P
Slide Switch
SSST010500 ALPS-SSST010500 Datasheet
245Kb / 2P
Slide Switch
logo
List of Unclassifed Man...
NK236 ETC2-NK236 Datasheet
254Kb / 1P
Subminiature slide switches
NK236 ETC2-NK236 Datasheet
62Kb / 1P
Subminiature slide switches
logo
TE Connectivity Ltd
KUP93 TEC-KUP93 Datasheet
145Kb / 2P
Contact arrangement to 3PDT
logo
Panasonic Semiconductor
HE-R PANASONIC-HE-R Datasheet
589Kb / 4P
Contact arrangement of 4a or 4a1b
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com