Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSM Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # BSM
Description  Slide Switch, high power rating, multiple contact arrangement
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

BSM Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  BSM Datasheet HTML 1Page - Apex Electronics Co., Ltd BSM Datasheet HTML 2Page - Apex Electronics Co., Ltd BSM Datasheet HTML 3Page - Apex Electronics Co., Ltd BSM Datasheet HTML 4Page - Apex Electronics Co., Ltd BSM Datasheet HTML 5Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BSM Series
Slide Switch, high power rating, multiple contact arrangement
01
S0
S1
S2
S3
S4
S5
S7
1.30 high
5.08 high
7.24 high
9.40 high
3.56 high
5.08 high
12.32 high
A
B
NO Mounting Ears
Mounting Ears
BSMS1 SP On-None-On
BSMS2 SP On-None-Mom.
BSMS3 SP On-Off-On
BSMD1 DP On-None-On
BSMD3 DP On-Off -On
MODEL NO.
ACTUATOR
RoHS
SOLDERING
RoHS soldering
TERMINATIONS TERMINAL
PLATING
SEAL
E EPOXY (std)
N NO EPOXY
M1
M2
M3
M51
M52
M53
M54
M6
M7
VS2
Solder Lug
PC thru-hole
Quick Connect
18.70 high, wire wrap
24.20 high, wire wrap
10.55 high, wire wrap
26.97 high, wire wrap
Right angle, PC thru-hole
Vertical right angle, PC thru-hole
V-bracket
Terminations
Terminal plating
Q Silver
R Gold
C Gold over silver
Seal
Model NO.
Actuator
MOUNTING
EARS
1
2
3
4
5
6
7
8
9
Red
White
Black (Std)
Orange
Green
Brown
Blue
Yellow
COLOR
Gray
ITEM NO
Actuator color
Mounting ears
ACTUATOR
COLOR
RoHS Compliant
RoHS & Lead Free
S
HOW TO ORDER
SPECIFICATIONS
CONTACT RATING: Dependent upon contact material See Page 85.
MECHANICAL LIFE: 30,000 make-and-break cycles.
CONTACT RESISTANCE: 10 m max. initial @ 2-4VDC
100mA for both silver and gold plated contacts.
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 1,000 Vrms min.@sea level.
OPERATING TEMPERATURE: -40°C to 85°C.
MATERIALS
CASE: Diallyl phthalate (DAP) (UL94v-0).
HOUSING: Stainless Steel.
ACTUATOR: Nylon,black std.
CONTACT/TERMINALS: Copper alloy, with silver or gold plated.
TERMINAL SEAL: Epoxy.
*
Besides standard color,
other colors need to check stocks available.


Similar Part No. - BSM

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
BSM-02X-D ORING-BSM-02X-D Datasheet
2Mb / 6P
modular managed Gigabit Ethernet switch
BSM-20GT-D ORING-BSM-20GT-D Datasheet
2Mb / 6P
modular managed Gigabit Ethernet switch
BSM-20GT-M12-D ORING-BSM-20GT-M12-D Datasheet
2Mb / 6P
modular managed Gigabit Ethernet switch
logo
Gamewell-FCI by Honeywe...
BSM-7100-1 GAMEWELL-FCI-BSM-7100-1 Datasheet
269Kb / 3P
Compact Analog Addressable Fire Alarm Control Panel
BSM-7100-1D GAMEWELL-FCI-BSM-7100-1D Datasheet
269Kb / 3P
Compact Analog Addressable Fire Alarm Control Panel
More results

Similar Description - BSM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
105-SV68010F-23FT ETC2-105-SV68010F-23FT Datasheet
71Kb / 1P
Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSSB021500 ALPS-SSSB021500 Datasheet
272Kb / 4P
Slide Switch
SSSF011700 ALPS-SSSF011700 Datasheet
317Kb / 5P
Slide Switch
SSSS213000 ALPS-SSSS213000 Datasheet
698Kb / 6P
Slide Switch
SSSS710100 ALPS-SSSS710100 Datasheet
455Kb / 5P
Slide Switch
SSSS820101 ALPS-SSSS820101 Datasheet
426Kb / 6P
Slide Switch
SSST010500 ALPS-SSST010500 Datasheet
245Kb / 2P
Slide Switch
logo
TE Connectivity Ltd
KUP93 TEC-KUP93 Datasheet
145Kb / 2P
Contact arrangement to 3PDT
logo
SHINMEI ELECTRIC CO., L...
SLS-24-730-1 SHINMEI-SLS-24-730-1 Datasheet
82Kb / 2P
High Current Slide Switch
logo
Panasonic Semiconductor
HE-R PANASONIC-HE-R Datasheet
589Kb / 4P
Contact arrangement of 4a or 4a1b
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com