Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52 Datasheet(PDF) 5 Page - Apex Electronics Co., Ltd

Part # M52
Description  Slide Switch, high power rating, multiple contact arrangement
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

M52 Datasheet(HTML) 5 Page - Apex Electronics Co., Ltd

  M52 Datasheet HTML 1Page - Apex Electronics Co., Ltd M52 Datasheet HTML 2Page - Apex Electronics Co., Ltd M52 Datasheet HTML 3Page - Apex Electronics Co., Ltd M52 Datasheet HTML 4Page - Apex Electronics Co., Ltd M52 Datasheet HTML 5Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BSM Series
Slide Switch, high power rating, multiple contact arrangement
04
MANUAL SOLDERING : Use soldering iron of 30 watts, controlled at 350oC
approximately 5 seconds while applying solder.
WAVE SOLDERING : Recommended Soldering Temperature : 270 ± 5oC
Duration of Solder Immersion : Max 5sec. (PCB is 1.6mm in thickness)
0.4 Volt - Amps ( VA ) max. @ 20V max. ( AC or DC )
5 Amps with resistant load @ 120VAC or 28VDC
2 Amps with resistant load @ 250VAC
Q
C
R
CONTACT PLATING
Silver
Gold over Silver
Gold
RATINGS
Q = Silver
C = Gold over silver
R = Gold
TERMINAL PLATING
CONTACT MATERIAL OPTIONS
SOLDERING PROCESSES
MOUNTING EARS / PANEL MOUNT
For S0,S1,S2,S3,S4 actuator
.690
17.53
"A" WITHOUT
MOUNTING EARS
.500
12.70
.260
6.60
"B" WITH
MOUNTING EARS
.770
19.56
.690
17.53
.240
6.10
MAX.
Ø
.094
Ø
2.39
.165
4.19
R.005
R0.13
.255
6.48
For S5 actuator only
.690
17.53
.338
8.59
Ø
.094
Ø
2.39
R.005
R0.13 MAX.
.255
6.48
.165
4.19
.690
17.53
Ø
.094
Ø
2.39
.287
7.30
MAX.
R.005
R0.13
For S0,S1,S2,S3,S4 actuator
.500
12.70
.260
6.60
.690
17.53
.240
6.10
.770
19.56
THREE POSITIONS ONLY
.280
7.10
.240
6.10
.240
6.10
.280
7.10
THREE POSITIONS ONLY
G
N
I
T
N
U
O
M
L
E
N
A
P
S
R
A
E
G
N
I
T
N
U
O
M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com