Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTAS4 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # BTAS4
Description  Toggle switch, IP67, multiple circuitry
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

BTAS4 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  BTAS4 Datasheet HTML 1Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BTAS Series
Toggle switch, IP67, multiple circuitry
01
SPECIFICATIONS
CONTACT RATING: 0.4Volt-Amps(VA) max.@20V max(AC or DC)
MECHANICAL LIFE: 100,000 make-and-break cycles.
ELECTRICAL LIFE: 50,000 cycles.
CONTACT RESISTANCE: 10 m max. initial @ 2-4VDC
100mA for both silver and gold plated contacts.
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 1,000 V RMS@sea level.
OPERATING TEMPERATURE: -30°C to 85°C.
GENRAL SPECIFICATIONS
TORQUE: 0.8Nm max. applied to unt.
PANEL THICKNESS: 6mm max. ,2mm min.
SWITCH FUNCTION
BTASD
BTAS1
BTAS2
MODEL
NO.
BTAS3
ON
ON
ON
POS.1
POS.3
CONNECTED TERMINALS / SCHEMATIC
OFF
NONE
POS.3
MOM
ON
NONE
NONE
OFF
ON
BTAS4
BTAS5
BTAS9
MOM
ON
ON
MOM
MOM
OFF
OFF
NONE
OFF
POS.2
2-3
POS.1
POS.2
2-1
OPEN
NO.
POLES
SP
N/A
2 (COMM)
1
3
2 (COMM)
1
3
OPEN
N/A
2-3
MOM=MOMENTARY
SWITCH FUNCTION
MATERIALS
CASE & BUSHING: Glass filled nylon 6/6,flame
retardant.heat stabilized (UL94v-0).
ACTUATOR: Brass,chrome plated with internal,O-ring seal
standard.
SWITCH SUPPORT: Brass or steel,tin plated.
CONTACT / TERMINALS: Copper alloy,gold plated.
SEALIND: IP67.
EPOXY SEAL
1
2
3
0.25
6.30
0.19
4.70
1.04
26.40
25°
0.41
10.40
0.03
0.75
0.04
1.00
0.16
3.96
0.41
10.40
0.55
14.00
0.63
16.00
KEYWAY
15/32-32UMS-2A
SEALING BOOTS
O-Ring
(FCP-A390)
PG2A-RUBBER-HOOD
MNU-1M07
0.55
14.00
.078
1.98
0.77
19.60
0.67
17.00
0.63
16.00
15/32-32UMS-2A SCREW
Ø
.472 +0.004
-0
Ø
12 +0.1
-0
0.06
1.65
0.03
0.84
PANEL MOUNTING
0.08
2.03
PANEL MOUNTING / HARDWARE
NUT
Part No. Shown : BTAS1T8B22M1RPES
M1
MOM


Similar Part No. - BTAS4

ManufacturerPart #DatasheetDescription
logo
Bellnix Co.,Ltd.
BTA BELLNIX-BTA Datasheet
174Kb / 14P
The Fifth Generation, Ultra Small Size, Isolated DC-DC Converter
logo
Apex Electronics Co., L...
BTA APEX-ELECTRONICS-BTA Datasheet
922Kb / 6P
Toggle switch, IP67, multiple circuitry, termination, and caps
logo
Continental Device Indi...
BTA-600 CDIL-BTA-600 Datasheet
130Kb / 2P
Triac Series
BTA-800 CDIL-BTA-800 Datasheet
130Kb / 2P
Triac Series
logo
SYC Electronica
BTA-B08-600C SYC-BTA-B08-600C Datasheet
189Kb / 10P
SNUBBERLESS™, LOGIC LEVEL & STANDARD
More results

Similar Description - BTAS4

ManufacturerPart #DatasheetDescription
logo
CW Industries
GTS448E101AHR CWIND-GTS448E101AHR Datasheet
965Kb / 1P
TOGGLE SWITCH
GTS448F301AHR CWIND-GTS448F301AHR Datasheet
1Mb / 1P
TOGGLE SWITCH
GTS448K101AHR CWIND-GTS448K101AHR Datasheet
987Kb / 1P
TOGGLE SWITCH
logo
Honeywell Solid State E...
2NT1-72 HONEYWELL-2NT1-72 Datasheet
131Kb / 1P
SWITCH - TOGGLE
31NT91-3 HONEYWELL-31NT91-3 Datasheet
118Kb / 1P
SWITCH - TOGGLE
logo
Honeywell Accelerometer...
2TL1-7 HONEYWELL-ACC-2TL1-7 Datasheet
176Kb / 1P
SWITCH - TOGGLE
2TL1-3D HONEYWELL-ACC-2TL1-3D Datasheet
228Kb / 1P
SWITCH - TOGGLE
logo
List of Unclassifed Man...
3005C ETC2-3005C Datasheet
558Kb / 1P
IP67 Sealed Toggle Switches
3105C ETC2-3105C Datasheet
628Kb / 1P
IP67 Sealed Toggle Switches
3305C ETC2-3305C Datasheet
565Kb / 1P
IP67 Sealed Toggle Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com