Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q1114 Datasheet(PDF) 11 Page - Apex Electronics Co., Ltd

Part # Q1114
Description  Toggle switch, multiple circuitry, termination, and caps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

Q1114 Datasheet(HTML) 11 Page - Apex Electronics Co., Ltd

Back Button Q1114 Datasheet HTML 3Page - Apex Electronics Co., Ltd Q1114 Datasheet HTML 4Page - Apex Electronics Co., Ltd Q1114 Datasheet HTML 5Page - Apex Electronics Co., Ltd Q1114 Datasheet HTML 6Page - Apex Electronics Co., Ltd Q1114 Datasheet HTML 7Page - Apex Electronics Co., Ltd Q1114 Datasheet HTML 8Page - Apex Electronics Co., Ltd Q1114 Datasheet HTML 9Page - Apex Electronics Co., Ltd Q1114 Datasheet HTML 10Page - Apex Electronics Co., Ltd Q1114 Datasheet HTML 11Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BTM Series
Toggle switch, multiple circuitry, termination, and caps
11
LOCKING RING
LOCKING RING
LOCKING RING
LOCKING RING
.029
0.74
.065
1.65
.065
1.65
.029
0.74
Ø
.468
Ø
11.89
Ø
.468
Ø
11.89
Ø
.472 DIA.
Ø
11.99
.065
1.65
.028
0.70
Locking ring supplied standard
Locking ring supplied with B5 bushing
Locking ring
supplied with B13,B18,B20 bushing
Locking ring supplied with B8 bushing
MNU-1M05
MNU-1M08
MNU-1M11
MNU-1M02
.098
2.50
.040
1.02
Ø
.718
Ø
18.24
15/32 NUT
LOCKWASHER
Supplied standard with B13 bushing
Supplied standard with B13 bushing
.039 THK
1.0
Ø
.625
Ø
15.90
15/32-32 UNS-2A
.630
16.00
.078
1.98
.551
14.00
MNU-1M09
MNU-1M07
.216
5.50
Ø
.472
Ø
12.00
.331
8.40
K1=Metric
E1=Inch (Std.)
for actuator T1, T2 and
B1, B3, B5, B6 Bushing only
OPTIONAL RUBBER HOOD
SEALING
DRESS NUT
DRESS NUT
1/4-40 UNS-2A
Ø
.314 DIA
Ø
8.00
Ø
.314 DIA
Ø
8.00
.060
1.50
1/4-40 UNS-2A
Controlled
MNU-1M24
.175
4.50
MNU-1M18
Knurl
Controlled
Knurl
MANUAL SOLDERING: Use soldering iron of 30 watts, controlled at 350oC
approximately 5 seconds while applying solder.
WAVE SOLDERING: Recommended Soldering Temperature: 270 ± 5oC
Duration of Solder Immersion: Max 5 sec. (PCB is 1.6mm in thickness)
0.4 Volt - Amps ( VA ) max. @ 20V max. ( AC or DC )
5 Amps with resistant load @ 120VAC or 28VDC
2 Amps with resistant load @ 250VAC
Q
C
R
CONTACT PLATING
Silver
Gold over Silver
Gold
RATINGS
Q = Silver
C = Gold over silver
R = Gold
TERMINAL PLATING
CONTACT MATERIAL OPTIONS
SOLDERING PROCESSES



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com