Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPICH Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # DPICH
Description  DIP Switch, top actuated, SMD, compact half-pitch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

DPICH Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  DPICH Datasheet HTML 1Page - Apex Electronics Co., Ltd DPICH Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Materials
Gold plated twin contactor for reliability
Top tape seal for washing process
2, 4, 6, 8, 10, 12 positions
Low-profile, half-pitch, SMD process
Product Features
01
DPICH Series
DIP Switch, top actuated, SMD, compact half-pitch
Specification
Part Number
DPICH
Series
Actuator
F Flush
Positions
02, 04, 06,
08, 10, 12
RoHS compliant
Operating Temperature
-20°C to +85°C
Storage Temperature
-40°C to +85°C
Actuation Life
1,000 cycles
Contact Resistance
100m max.
Position
2, 4, 6, 8, 10, 12
Travel
0.8mm
Insulation Resistance
100M min. at 500VDC
Dielectric Strength
300VAC for 1 min.
Cover
Housing
Actuator
Contactor
Terminal
Tape
PPS
PPS
LCP
Gold plated
alloy copper
Gold plated
brass
Kapton
Terminal
G Gull-wing
Top Tape
N No top tape
T With top tape
Packaging
T Tube
R Reel


Similar Part No. - DPICH

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DPI SENSATA-DPI Datasheet
1,011Kb / 8P
PANEL MOUNT SOLID STATE RELAYS
logo
Apex Electronics Co., L...
DPIH APEX-ELECTRONICS-DPIH Datasheet
331Kb / 2P
DIP Switch, top actuated, SMD, half-pitch
DPIHGF02NR APEX-ELECTRONICS-DPIHGF02NR Datasheet
331Kb / 2P
DIP Switch, top actuated, SMD, half-pitch
DPIHGF02NT APEX-ELECTRONICS-DPIHGF02NT Datasheet
331Kb / 2P
DIP Switch, top actuated, SMD, half-pitch
DPIHGF02TR APEX-ELECTRONICS-DPIHGF02TR Datasheet
331Kb / 2P
DIP Switch, top actuated, SMD, half-pitch
More results

Similar Description - DPICH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDHH BOURNS-SDHH Datasheet
156Kb / 2P
Half Pitch SMD DIP Switch
logo
ITT Industries
TDP08H0SBD1 ITT-TDP08H0SBD1 Datasheet
188Kb / 2P
Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
logo
Omron Electronics LLC
A6H-4101 OMRON-A6H-4101 Datasheet
207Kb / 2P
Half-pitch DIP Switch
A6H OMRON-A6H Datasheet
441Kb / 4P
Half-pitch DIP Switch
logo
C&K Components
TDP CK-COMPONENTS-TDP Datasheet
195Kb / 3P
Half-pitch Side-Actuated DIP Switches
logo
CTS Corporation
218-8LPST CTS-218-8LPST Datasheet
324Kb / 2P
Half Pitch, SMD DIP Switch
193-2MS CTS-193-2MS Datasheet
303Kb / 2P
Side Actuated DIP Switch
218-12LPSTJRF CTS-218-12LPSTJRF_16 Datasheet
324Kb / 2P
Half Pitch, SMD DIP Switch
218-2LPS CTS-218-2LPS Datasheet
1Mb / 6P
Half Pitch, SMD DIP Switch
2020-7-1 Rev. B
logo
C&K Components
TDP CK-COMPONENTS-TDP_V01 Datasheet
326Kb / 3P
Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com