Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSED1 Datasheet(PDF) 3 Page - Apex Electronics Co., Ltd

Part # BSED1
Description  Subminiature Slide Switch, multiple contact arrangement, washable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

BSED1 Datasheet(HTML) 3 Page - Apex Electronics Co., Ltd

  BSED1 Datasheet HTML 1Page - Apex Electronics Co., Ltd BSED1 Datasheet HTML 2Page - Apex Electronics Co., Ltd BSED1 Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BSE Series
Subminiature Slide Switch, multiple contact arrangement, washable
03
P.C. MOUNTING
Part No. Shown : BSED1S105M6RES
M6
DPDT
3 2 1
65 4
.100
2.54
.200
5.08
.100
2.54
.200
7.62
Ø
.039
Ø
1.0
EPOXY
SEAL
.100
2.54
.197
5.0
.201
5.1
.116
2.95
.220
5.6
.374
9.5
.024
0.6
.300
7.62
.015
0.4
.011
0.3
.087
2.2
.110
2.8
.315
8.0
.130
3.3
.100
2.54
.024
0.6
.200
5.08
6
5
4
WAVE SOLDERING: Recommended Soldering Temperature: 260 ± 5°C
Duration of Solder Immersion: Max 5 sec. (PCB is 1.6mm in thickness)
SOLDERING PROCESSES
Part No. Shown : BSES1S105M6RES
M6
SPDT
P.C. MOUNTING
3 2 1
.100
2.54
.200
5.08
Ø
.039
Ø
1.0
.300
7.62
EPOXY
SEAL
.197
5.0
.201
5.1
.116
2.95
.220
5.6
.374
9.5
.024
0.6
.300
7.62
.015
0.4
.011
0.3
.087
2.2
.110
2.8
.315
8.0
.130
3.3
.100
2.54
.024
0.6
.200
5.08
3
2
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com