Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPIS Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # DPIS
Description  Duak-in Line Packaging Switch, top actuated, SMD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

DPIS Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  DPIS Datasheet HTML 1Page - Apex Electronics Co., Ltd DPIS Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Materials
Gold plated twin contactor for reliability
Top tape seal for washing process
1-10, 12 positions
Low-profile, SMD process
Product Features
01


Specification
Part Number
DPIS
Series
Actuator “L”
L Long
F Flush
Positions
01-10, 12
RoHS compliant
Cover
Housing
Actuator
Contactor
Terminal
Tape
PPS
PPS
Nylon46
Gold plated
opper alloy
Gold plated
brass
Kapton
Terminal
G Gull-wing, SMD
J J-style, SMD
Top Tape
[ ] No top tape
T With top tape
Packaging
[ ] Tube
R Reel
(0.6mm)
Operating Temperature
-20°C to +85°C
Storage Temperature
-40°C to +85°C
Actuation Life
2,000 cycles
Contact Resistance
50m max.
Contact Rating
100mA at 50VDC
Travel
1mm
Insulation Resistance
100M min. at 500VDC
Dielectric Strength
500VAC for 1 min.
(flush actuator only)


Similar Part No. - DPIS

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DPI SENSATA-DPI Datasheet
1,011Kb / 8P
PANEL MOUNT SOLID STATE RELAYS
logo
Apex Electronics Co., L...
DPICH APEX-ELECTRONICS-DPICH Datasheet
386Kb / 2P
DIP Switch, top actuated, SMD, compact half-pitch
DPICHGF02NR APEX-ELECTRONICS-DPICHGF02NR Datasheet
386Kb / 2P
DIP Switch, top actuated, SMD, compact half-pitch
DPICHGF02NT APEX-ELECTRONICS-DPICHGF02NT Datasheet
386Kb / 2P
DIP Switch, top actuated, SMD, compact half-pitch
DPICHGF02TR APEX-ELECTRONICS-DPICHGF02TR Datasheet
386Kb / 2P
DIP Switch, top actuated, SMD, compact half-pitch
More results

Similar Description - DPIS

ManufacturerPart #DatasheetDescription
logo
C&K Components
KMR211GLFS CK-COMPONENTS-KMR211GLFS Datasheet
161Kb / 2P
Microminiature SMT Top Actuated
KMR431GLFS CK-COMPONENTS-KMR431GLFS Datasheet
162Kb / 2P
Microminiature SMT Top Actuated
PTS830 CK-COMPONENTS-PTS830 Datasheet
182Kb / 3P
Microminiature SMT Top Actuated
PTS820J25MSMTRLFS CK-COMPONENTS-PTS820J25MSMTRLFS Datasheet
164Kb / 3P
Microminiature SMT Top Actuated
KT CK-COMPONENTS-KT Datasheet
318Kb / 5P
Full SMT Top & Side Actuated Sealed Tact Switch
PTS526 CK-COMPONENTS-PTS526 Datasheet
351Kb / 4P
Microminiature SMT Top Actuated
14 Nov 22
KMR8 CK-COMPONENTS-KMR8 Datasheet
175Kb / 2P
Microminiature SMT Top Actuated
24 Aug 21
RK CK-COMPONENTS-RK Datasheet
444Kb / 5P
Microminiature SMT Top Actuated Tact Switch
8 Apr 22
RKC2 CK-COMPONENTS-RKC2 Datasheet
351Kb / 3P
Microminiature SMT Top Actuated Tact Switch
19 Sep 22
logo
Apex Electronics Co., L...
T66E APEX-ELECTRONICS-T66E Datasheet
438Kb / 1P
6.0*6.0mm tact switch, radial taping, top actuated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com