Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPR Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # DPR
Description  Dual-in-Line Packaging Switch, right angle, through hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

DPR Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  DPR Datasheet HTML 1Page - Apex Electronics Co., Ltd DPR Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Operating Force
Soldering Condition
Operating Temperature Range
Actuation Life Cycle
Non-switching Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
260°C for 5 sec. or 320°C for 2 sec.
3,000
100mA, 50VDC
500VAC for 1 minute
Materials
Materials
Base
Cover
Actuator
Contact
Terminal
PBT
PBT
Gold plated
Copper alloy
Gold plated
Copper alloy
Part Name
Material
Standard 2.54mm pitch
Right angle
1-10, 12 positions
RoHS compliant
Product Features
01
DPR Series
-40°C ~ 85°C
Dual-in-Line Packaging Switch, right angle, through hole
Specification
200 gram max.
Part Number
DPR
Series
Actuator
L Long actuator
R Red(Standard)
B Blue
Z Black
Cover Color
PBT
Positions
01 1-position
02 2-position
03 3-position
04 4-position
05 5-position
06 6-position
07 7-position
08 8-position
09 9-position
10 10-position
12 12-position


Similar Part No. - DPR

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
DPR-175A ATC-DPR-175A Datasheet
296Kb / 1P
Phase Monitor
DPR-350C ATC-DPR-350C Datasheet
297Kb / 2P
Voltage Phase Monitor
logo
CUI INC
DPR050030-P6P-SZ CUI-DPR050030-P6P-SZ Datasheet
597Kb / 13P
AC/DC Adapter
logo
Automatic Timing & Cont...
DPR175A ATC-DPR175A Datasheet
296Kb / 1P
Phase Monitor
DPR350C ATC-DPR350C Datasheet
297Kb / 2P
Voltage Phase Monitor
More results

Similar Description - DPR

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
299-93-306-10-001 PREDIP-299-93-306-10-001 Datasheet
41Kb / 1P
Dual-in-line sockets / right angle version Closed frame Solder tail
logo
Mill-Max Mfg. Corp.
299 MILL-MAX-299 Datasheet
197Kb / 1P
DUAL-IN-LINE SOCKETS Right Angle Mount Closed Frame
logo
Molex Electronics Ltd.
0741640038 MOLEX8-0741640038 Datasheet
403Kb / 4P
2.54mm (.100") Pitch C-Grid짰 Receptacle, Right Angle, Through Hole, Dual Row,
logo
E-SWITCH
DR3-10R E-SWITCH-DR3-10R Datasheet
170Kb / 1P
Through Hole, Right Angle, and SMT Option
logo
Vishay Siliconix
CCF02470RJKE36 VISHAY-CCF02470RJKE36 Datasheet
69Kb / 5P
Through Hole Resistor Packaging
25-Feb-13
logo
3M Electronics
SBR-RA-29-S 3M-SBR-RA-29-S Datasheet
865Kb / 4P
Boardmount Right Angle, Through-Hole Receptacle
03-Mar-2011
logo
CTS Corporation
195-2MS CTS-195-2MS Datasheet
334Kb / 2P
Through Hole DIP Switch
206-121ESTN CTS-206-121ESTN Datasheet
563Kb / 4P
Through Hole DIP Switch
logo
STANLEY ELECTRIC CO.,LT...
AN504 STANLEY-AN504 Datasheet
176Kb / 10P
Through-hole IRED/Right Angle Type
logo
Vishay Siliconix
TDP VISHAY-TDP_V01 Datasheet
91Kb / 4P
Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
07-Apr-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com