Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # DS1
Description  4.7*3.5mm detector switch, SMD, normal open
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

DS1 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  DS1 Datasheet HTML 1Page - Apex Electronics Co., Ltd DS1 Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Operating Force
Operating Temperature Range
Actuation Life Cycle
Voltage Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
100,000
1mA, 5VDC
100 VAC for 1 minute
Materials
Materials
Housing
Cover
Actuator
Spring
Terminal
PPS
Stainless Steel
PA
Silver plated
Phosphor Bronze
Silver plated
Phosphor Bronze
Part Name
Material
Miniature package for space saving
Top or side detection
Long travel
Optional pilot boss for positioning
RoHS Compliant
Product Features
01
DS1 Series
-30°C ~ 85°C
4.7*3.5mm detector switch, SMD, normal open
Specification
36 gram max.
Part Number
DS1
Series
Mounting pilot
P With Pilot
□
Without Pilot


Similar Part No. - DS1

ManufacturerPart #DatasheetDescription
logo
DONG IL TECHNOLOGY LTD.
DS1 DIT-DS1 Datasheet
948Kb / 2P
EMI/EMC FILTER
logo
Multicomp Pro
DS1 MULTICOMP-DS1 Datasheet
261Kb / 2P
Tap Splices
18/11/20 V1.0
logo
IXYS Corporation
DS1-12D IXYS-DS1-12D Datasheet
34Kb / 1P
Rectifier Diode Avalanche Diode
logo
Schurter Inc.
DS1-175-0001 SCHURTER-DS1-175-0001 Datasheet
390Kb / 3P
Storage Choke, fully potted resign
DS1-175-0001 SCHURTER-DS1-175-0001 Datasheet
242Kb / 3P
Storage Choke, fully potted resign
More results

Similar Description - DS1

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSCN110101 ALPS-SSCN110101 Datasheet
129Kb / 2P
Detector Switch
SSCW110101 ALPS-SSCW110101 Datasheet
125Kb / 2P
Detector Switch
logo
SUYIN USA, INC.
010164FR SUYIN-USA-010164FR Datasheet
164Kb / 1P
3.5mm EARPHONE JACK (NORMAL CLOSE TYPE)
010178FR SUYIN-USA-010178FR Datasheet
147Kb / 1P
3.5mm EARPHONE JACK (NORMAL CLOSE TYPE)
logo
Pasternack Enterprises,...
PE5500-1 PASTERNACK-PE5500-1 Datasheet
81Kb / 1P
3.5mm MALE, OPEN CIRCUIT
PE5500-2 PASTERNACK-PE5500-2 Datasheet
85Kb / 1P
OPEN CIRCUIT, 3.5mm FEMALE
logo
Panasonic Semiconductor
EVQ-P2H02B PANASONIC-EVQ-P2H02B Datasheet
102Kb / 4P
4.7 mm3.5 mm SMD Light Touch Switch es
logo
List of Unclassifed Man...
LJ12A3-4-Z ETC2-LJ12A3-4-Z Datasheet
145Kb / 1P
NPN, 3 WIRE, NO (NORMAL OPEN)
logo
SHINMEI ELECTRIC CO., L...
SSS-52 SHINMEI-SSS-52 Datasheet
76Kb / 3P
Detector Switch
SSS-62 SHINMEI-SSS-62 Datasheet
72Kb / 3P
Detector Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com