Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # DS2
Description  5.7*5.0mm detector switch, SMD, normal open
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

DS2 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  DS2 Datasheet HTML 1Page - Apex Electronics Co., Ltd DS2 Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Operating Force
Operating Temperature Range
Actuation Life Cycle
Voltage Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
50,000
10mA, 5VDC
100 VAC for 1 minute
Materials
Materials
Housing
Cover
Actuator
Spring
Terminal
PPS
PPS
PA
Silver plated
Phosphor Bronze
Silver plated
Phosphor Bronze
Part Name
Material
Miniature package for space saving
Vertical or horizontal operation
Right or left detection
Light actuation force
RoHS Compliant
Product Features
01
DS2 Series
-10°C ~ 85°C
5.7*5.0mm detector switch, SMD, normal open
Specification
50 gram max.
Part Number
DS2
Series
Direction
L Moving left
Moving right
R


Similar Part No. - DS2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DS2 IXYS-DS2 Datasheet
72Kb / 2P
Rectifi er Diode Avalanche Diode
logo
Multicomp Pro
DS2 MULTICOMP-DS2 Datasheet
261Kb / 2P
Tap Splices
18/11/20 V1.0
logo
IXYS Corporation
DS2-08A IXYS-DS2-08A Datasheet
35Kb / 2P
Rectifier Diode Avalanche Diode
DS2-12A IXYS-DS2-12A Datasheet
35Kb / 2P
Rectifier Diode Avalanche Diode
DS2-12A IXYS-DS2-12A Datasheet
72Kb / 2P
Rectifi er Diode Avalanche Diode
More results

Similar Description - DS2

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSCN110101 ALPS-SSCN110101 Datasheet
129Kb / 2P
Detector Switch
SSCUL10200 ALPS-SSCUL10200 Datasheet
266Kb / 2P
Detector Switch
SSCW110101 ALPS-SSCW110101 Datasheet
125Kb / 2P
Detector Switch
logo
Axiomtek Co., Ltd.
LD-057 AXIOMTEK-LD-057 Datasheet
156Kb / 1P
5.7 Industrial Open Frame LCD Monitor
logo
List of Unclassifed Man...
LJ12A3-4-Z ETC2-LJ12A3-4-Z Datasheet
145Kb / 1P
NPN, 3 WIRE, NO (NORMAL OPEN)
logo
SHINMEI ELECTRIC CO., L...
SSS-52 SHINMEI-SSS-52 Datasheet
76Kb / 3P
Detector Switch
SSS-57-1 SHINMEI-SSS-57-1 Datasheet
444Kb / 2P
Detector Switch
SSS-62 SHINMEI-SSS-62 Datasheet
72Kb / 3P
Detector Switch
logo
Xtaltq Technologies Co....
BT0507E XTALTQ-BT0507E Datasheet
206Kb / 2P
SMD Package(7.0×5.0mm)
BV0507D XTALTQ-BV0507D Datasheet
184Kb / 2P
SMD Package (7.0×5.0mm)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com