Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # DS3
Description  8.0*7.0mm detector switch, through hole, normal open
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

DS3 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  DS3 Datasheet HTML 1Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Operating Force
Operating Temperature Range
Actuation Life Cycle
Voltage Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
100,000
0.5A, 120VAC
100 MΩ min @ 100VDC
100 VAC for 1 minute
0.2Ω max.
Materials
Materials
Housing
Cover
Actuator
Contact
Terminal
Stainless Steel
with tin plating
PA66
PBT
PBS
Silver plated
Brass
Part Name
Material
Miniature package for space saving
Top or side detection
Long travel
Optional pilot boss for positioning
RoHS Compliant
Product Features
01
DS3 Series
-30°C ~ 85°C
8.0*7.0mm detector switch, through hole, normal open
Specification
200±50 gram
Part Number
DS3
Series
Free Position
A 4.2mm
Diagram
PT
.0197
0.50
OP
.169
4.30
Ø
.118
Ø
3.00
.315
8.00
FP
.480
12.2
.130
3.30
.047
1.20
Over travel
.165
4.20
.055
1.40
.186
4.73
.008
0.20
1
2
.036
0.93
.218
5.55
.133
3.40
.275
7.00
.226
5.75
C .011
C 0.30
Ø
.067
Ø
1.7
Ø
0.59
Ø
1.5
1 2
PTH hole
NPTH hole
1 2
1 2
P.C. MOUNTING
SCHMATIC
OFF
ON
.461
11.7


Similar Part No. - DS3

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
DS3 PENTAIR-DS3 Datasheet
970Kb / 12P
Self-Priming Centrifugal Pump
logo
Multicomp Pro
DS3 MULTICOMP-DS3 Datasheet
129Kb / 1P
Terminal Block 2.5㎟
05/06/20 V1.0
logo
RSG Electronic Componen...
DS3-XX05 RSG-DS3-XX05 Datasheet
59Kb / 1P
Single output unregulated DC/DC converters 1W
DS3-XX05-2 RSG-DS3-XX05-2 Datasheet
61Kb / 1P
Single output unregulated DC/DC converters 2W
DS3-XX05-L RSG-DS3-XX05-L Datasheet
59Kb / 1P
Single output regulated DC/DC converters 0.5W
More results

Similar Description - DS3

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSCN110101 ALPS-SSCN110101 Datasheet
129Kb / 2P
Detector Switch
logo
CTS Corporation
209-12MSTFD CTS-209-12MSTFD Datasheet
307Kb / 2P
Through Hole DIP Switch
206-124 CTS-206-124 Datasheet
450Kb / 4P
Through Hole DIP Switch
206-221 CTS-206-221 Datasheet
386Kb / 4P
Through Hole DIP Switch
195-2MS CTS-195-2MS Datasheet
334Kb / 2P
Through Hole DIP Switch
206-121ESTN CTS-206-121ESTN Datasheet
563Kb / 4P
Through Hole DIP Switch
logo
Teledyne Technologies I...
DTS8003 TELEDYNE-DTS8003 Datasheet
301Kb / 2P
0.1 TO 8.0 GHz THRESHOLD DETECTOR
logo
List of Unclassifed Man...
LJ12A3-4-Z ETC2-LJ12A3-4-Z Datasheet
145Kb / 1P
NPN, 3 WIRE, NO (NORMAL OPEN)
logo
SHINMEI ELECTRIC CO., L...
SSS-52 SHINMEI-SSS-52 Datasheet
76Kb / 3P
Detector Switch
SSS-62 SHINMEI-SSS-62 Datasheet
72Kb / 3P
Detector Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com