Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPAS4 Datasheet(PDF) 6 Page - Apex Electronics Co., Ltd

Part # BPAS4
Description  Toggle switch, IP67, multiple circuitry, termination, and caps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

BPAS4 Datasheet(HTML) 6 Page - Apex Electronics Co., Ltd

  BPAS4 Datasheet HTML 1Page - Apex Electronics Co., Ltd BPAS4 Datasheet HTML 2Page - Apex Electronics Co., Ltd BPAS4 Datasheet HTML 3Page - Apex Electronics Co., Ltd BPAS4 Datasheet HTML 4Page - Apex Electronics Co., Ltd BPAS4 Datasheet HTML 5Page - Apex Electronics Co., Ltd BPAS4 Datasheet HTML 6Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BTA Series
Toggle switch, IP67, multiple circuitry, termination, and caps
06
.125
3.18
.240
6.10
.020
0.51
.185
4.70
.060
1.52
.125
3.18
.190
4.83
.052
1.32
DIM.'A'
.185
4.70
8
7
9
.030
0.76
.620
15.75
.620
15.75
1/4-40UNS-2A
.062
1.57
.312
7.92
Ø
.468
Ø
11.89
.029
0.74
.065
1.65
EPOXY
SEAL
.185
4.70
.190
4.83
Ø
.073
Ø
1.85
.300
7.62
.320
8.13
.650
16.35
LOCKWASHER
1/4 NUT
LOCKING RING
.018 THK
0.46
V2N
M6N
1
2
3
4
5
6
7
8
9
DIM. 'A'
CODE
VS3
16.00
VS2
11.68
.630
.460
OPTION
MANUAL SOLDERING: Use soldering iron of 30 watts, controlled at 350°C
approximately 5 seconds while applying solder.
WAVE SOLDERING: Recommended Soldering Temperature: 270 ± 5°C
Duration of Solder Immersion: Max 5 sec. (PCB is 1.6mm in thickness)
Ø
.425
Ø
10.80
.362
9.19
SNAP-IN TERMINATION OPTIONS
HARDWARE
CONTACT MATERIAL OPTIONS
VS2 - VS3
P.C. MOUNTING
MNU-1M01A
MNU-1M02
MNU-1M03
0.4 Volt - Amps ( VA ) max. @ 20V max. ( AC or DC )
5 Amps with resistant load @ 120VAC or 28VDC
2 Amps with resistant load @ 250VAC
Q
C
R
CONTACT PLATING
Silver
Gold over Silver
Gold
RATINGS
Q = Gold flash over silver
C = Gold over silver
R = Gold
TERMINAL PLATING
Part No. Shown : BTA31T2B4VS2QE
3PDT
SOLDERING PROCESSES



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com