Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAK Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # FAK
Description  Foot switch, high operational force, robust mechanism
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

FAK Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  FAK Datasheet HTML 1Page - Apex Electronics Co., Ltd FAK Datasheet HTML 2Page - Apex Electronics Co., Ltd FAK Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
FAK Series
Foot switch, high operational force, robust mechanism
01
SPECIFICATIONS
RATING: DC9V,1A
MECHANICAL LIFE: S7/D7: 20,000 cycles
SL/DL: 10,000 cycles
37/3L: 30,000 cycles
CONTACT RESISTANCE: 50 m MAX. /
INSULATION RESISTANCE:
DIELECTRIC STRENGTH: 1,000 V RMS.@sea level.
500V RMS @
OPERATING FORCE:
OPERATING TEMPERATURE: -10°C to 70°C.
SP
SP
DP
DP
3P
3P
P10
P20
Actuator
E
Y
M1
M2
PC thru-hole
T
Q Silver
Seal
S
B1
B2
Case color
Red
Black
Red
C3
C2
C3
HOW TO ORDER
CASE
RoHS
SEAL
HARDWARE
A
A
A
A
A
A
Solder lug


Similar Description - FAK

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS155 CITIZEN-LS155 Datasheet
431Kb / 1P
Switch operating force
LS127 CITIZEN-LS127 Datasheet
430Kb / 1P
Switch operating force
LS75 CITIZEN-LS75 Datasheet
431Kb / 1P
Switch operating force
LS71 CITIZEN-LS71 Datasheet
429Kb / 1P
Switch operating force
LS14 CITIZEN-LS14 Datasheet
437Kb / 1P
Switch operating force
LS12 CITIZEN-LS12_12 Datasheet
432Kb / 1P
Switch operating force
LS8 CITIZEN-LS8_12 Datasheet
435Kb / 1P
Switch operating force
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-4526Z AVAGO-AFBR-4526Z Datasheet
537Kb / 4P
Latching mechanism for increased retention force
logo
SparkFun Electronics
COM-11192 SPARKFUN-COM-11192 Datasheet
141Kb / 1P
Foot Pedal Switch
5??5??7
logo
Highly Electric Co., Lt...
EFS-A HIGHLY-EFS-A Datasheet
443Kb / 2P
FOOT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com