Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAB Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # HAB
Description  Pushbutton switch, side actuated, push to lock
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

HAB Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  HAB Datasheet HTML 1Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
HAB Series
Pushbutton switch, side actuated, push to lock
01
SPECIFICATIONS
FEATUER: Non shorting
FUNCTION: OFF-ON(LOCK)
RATING: 3A 30VDC
CONTACT RESISTANCE:
INSULATION RESISTANCE:
ELECTRONICS LIFE TEST: 6,000 cycles
MECHANICAL LIFE TEST: 30,000 cycles
MATERIALS
CASE: FR52,Black
PLUNGER: Nylon,Black
HOUSING: Nylon,Black
CONTACT / TERMINAL: Copper,Silver plated
.220
5.60
.413
10.50
1
2
.220
5.60
.433
11.00
.405
10.3
.543(.448)
13.80(11.40)
.598
15.2
.200
5.10
Ø
.346
Ø
8.80
.100
2.54
.450
11.43
.433
11.00
.078
2.00 .350(.255)
8.90(6.50)
.173
4.40
.051
1.30
.130
3.30
.030
0.76
.173
4.40
.220
5.60
.291
7.40
.401
10.20
Ø
.067
Ø
1.70
.232
5.90
.220
5.60
.177
4.50
.130
3.30
.094
2.40
Ø
.086
Ø
2.20
1 2
1 2
3 4
.094
2.40 Latch position
.070
1.79
.100
2.54
.450
11.43
.173
4.40
.232
5.90
SWITCH FUNCTION
P.C.B LAYOUT
3
4
2
1
OFF
ON
1 2
3 4
Ø
.074
Ø
1.90
Ø
.043
Ø
1.10
Part No. Shown : HAB-001
CAP OPTIONS
A1 Color: White (Nylon)
B2 Color: Black (ABS)
HOW TO ORDER
CAP
CAP COLOR
Type
001
A Rectangle,Nylon
B Round,ABS
1 White
2 Black
HAB
Cap
Cap color


Similar Part No. - HAB

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
HAB EDI-HAB Datasheet
77Kb / 2P
3 AMPERE AXIAL LEAD RECTIFIERS
logo
HuaXinAn Electronics CO...
HAB-102M HUAXINAN-HAB-102M Datasheet
317Kb / 5P
Small capacitance and excellent insulation resistance
HAB-141N HUAXINAN-HAB-141N Datasheet
317Kb / 5P
Small capacitance and excellent insulation resistance
HAB-181N HUAXINAN-HAB-181N Datasheet
317Kb / 5P
Small capacitance and excellent insulation resistance
HAB-201M HUAXINAN-HAB-201M Datasheet
317Kb / 5P
Small capacitance and excellent insulation resistance
More results

Similar Description - HAB

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KMS ITT-KMS Datasheet
74Kb / 3P
Microminiature Side Actuated Tact Switch for SMT
KSS ITT-KSS Datasheet
82Kb / 3P
Subminiature Side Actuated Tact Switch for SMT
logo
Bi technologies
P09XS BITECH-P09XS Datasheet
158Kb / 6P
Switch / Push-Lock Option
logo
Bourns Electronic Solut...
7914S BOURNS-7914S Datasheet
26Kb / 1P
Key Switch (Side Actuated)
logo
CTS Corporation
193-2MS CTS-193-2MS Datasheet
303Kb / 2P
Side Actuated DIP Switch
logo
C&K Components
PTS645VN13SMTR92LFS CK-COMPONENTS-PTS645VN13SMTR92LFS Datasheet
213Kb / 2P
6 mm SMT Side Actuated Tact Switch
logo
SHINMEI ELECTRIC CO., L...
PLE-22-748 SHINMEI-PLE-22-748 Datasheet
124Kb / 2P
2.5mm Stroke Push Lock Switch
logo
C&K Components
KSC-V2 CK-COMPONENTS-KSC-V2 Datasheet
231Kb / 3P
Side Actuated Sealed Tact Switch
24 Nov 20
KT CK-COMPONENTS-KT Datasheet
318Kb / 5P
Full SMT Top & Side Actuated Sealed Tact Switch
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com