Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPAD3 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # BPAD3
Description  Toggle switch, IP67, multiple circuitry, termination, and caps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

BPAD3 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  BPAD3 Datasheet HTML 1Page - Apex Electronics Co., Ltd BPAD3 Datasheet HTML 2Page - Apex Electronics Co., Ltd BPAD3 Datasheet HTML 3Page - Apex Electronics Co., Ltd BPAD3 Datasheet HTML 4Page - Apex Electronics Co., Ltd BPAD3 Datasheet HTML 5Page - Apex Electronics Co., Ltd BPAD3 Datasheet HTML 6Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BTA Series
Toggle switch, IP67, multiple circuitry, termination, and caps
01
SPECIFICATIONS
CONTACT RATING: Dependent upon contact material See page 6.
MECHANICAL LIFE: 30,000 make-and-break cycles.
CONTACT RESISTANCE: 10 m max. initial @ 2-4VDC
100mA for both silver and gold plated contacts.
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 1,000 Vrms min.@sea level.
OPERATING TEMPERATURE: -40°C to 85°C.
MATERIALS
CASE & BUSHING: Glass filled nylon 6/6,flame retardant.heat
stabilized (UL94v-0).
ACTUATOR: Brass,chrome plated with internal,O-ring seal standard.
SWITCH SUPPORT: Brass or steel,tin plated.
SWITCH SUPPORT RETAINER: Stainless steel.
CONTACT / TERMINALS: Copper alloy,with Silver or gold plated.
(See Page 6)
BUSHING
MODEL NO.
ACTUATOR
RoHS
SOLDERING
TERMINATIONS
TERMINAL
PLATING
SEAL
T1
T2
TA
TB
TC
12.70 high
7.62 high
Plastic,black 12.70 high
Plastic,black 7.62 high
Plastic,silver 12.70 high
Model NO.
BTAS1 SP On-None-On
BTAS2 SP On-None-Mom.
BTAS3 SP On-Off-On
BTAS4 SP Mom.-Off-Mom.
BTAS5 SP On-Off -Mom.
BTAD1 DP On-None-On
BTAD2 DP On-None-Mom.
BTAD3 DP On-Off-On
BTAD4 DP Mom.-Off-Mom.
BTAD5 DP On-Off-Mom.
BTAD6 DP On-On-On
BTAD7 DP Mom.-On-Mom.
BTAD8 DP On-On-Mom.
BTA31 3P On-None-On
BTA32 3P On-None-Mom.
BTA33 3P On-Off-On
BTA34 3P Mom.-Off-Mom.
BTA35 3P On-Off-Mom.
Actuator
E EPOXY (std)
M1
M2
M51
M52
M53
M54
M6
M6N
M7
VS2
V2N
VS3
Solder Lug
PC thru-hole
18.70 high, wire wrap
24.20 high, wire wrap
10.55 high, wire wrap
26.97 high, wire wrap
Right angle, PC thru-hole
Right angle, snap-in, PC thru-hole
Vertical right angle, PC thru-hole
11.68 high, V-bracket
11.68 high, snap-in V-bracket
16.00 high, V-bracket
Terminations
RoHS soldering
Terminal plating
Q Gold flash over silver
R Gold
C Gold over silver
Seal
RoHS Compliant
RoHS & Lead Free
S
8.89 high
6.10 high
Bushing
B1
B4
E
HOW TO ORDER


Similar Part No. - BPAD3

ManufacturerPart #DatasheetDescription
logo
C&K Components
BPA CK-COMPONENTS-BPA Datasheet
168Kb / 3P
Side Actuated DIP Switches
logo
Illinois Capacitor, Inc...
BPA ILLINOISCAPACITOR-BPA Datasheet
212Kb / 2P
Small size ??Non/ Bi-Polar
logo
C&K Components
BPA CK-COMPONENTS-BPA Datasheet
233Kb / 3P
Side Actuated DIP Switches
2019
logo
Apex Electronics Co., L...
BPA APEX-ELECTRONICS-BPA Datasheet
668Kb / 4P
Pushbutton switches, optional LED, IP67
logo
Bud Industries, Inc.
BPA-1502 BUD-BPA-1502 Datasheet
56Kb / 1P
CHASSIS BOTTOM PLASTES
More results

Similar Description - BPAD3

ManufacturerPart #DatasheetDescription
logo
CW Industries
GTS448E101AHR CWIND-GTS448E101AHR Datasheet
965Kb / 1P
TOGGLE SWITCH
GTS448F301AHR CWIND-GTS448F301AHR Datasheet
1Mb / 1P
TOGGLE SWITCH
GTS448K101AHR CWIND-GTS448K101AHR Datasheet
987Kb / 1P
TOGGLE SWITCH
logo
Honeywell Solid State E...
2NT1-72 HONEYWELL-2NT1-72 Datasheet
131Kb / 1P
SWITCH - TOGGLE
31NT91-3 HONEYWELL-31NT91-3 Datasheet
118Kb / 1P
SWITCH - TOGGLE
logo
Honeywell Accelerometer...
2TL1-7 HONEYWELL-ACC-2TL1-7 Datasheet
176Kb / 1P
SWITCH - TOGGLE
2TL1-3D HONEYWELL-ACC-2TL1-3D Datasheet
228Kb / 1P
SWITCH - TOGGLE
logo
List of Unclassifed Man...
3005C ETC2-3005C Datasheet
558Kb / 1P
IP67 Sealed Toggle Switches
3105C ETC2-3105C Datasheet
628Kb / 1P
IP67 Sealed Toggle Switches
3305C ETC2-3305C Datasheet
565Kb / 1P
IP67 Sealed Toggle Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com