Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KP22 Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # KP22
Description  Illuminated pushbutton switch, 1 million cycles, IP65
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

KP22 Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  KP22 Datasheet HTML 1Page - Apex Electronics Co., Ltd KP22 Datasheet HTML 2Page - Apex Electronics Co., Ltd KP22 Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
02
ACTUATOR TYPE
CIRCUIT
1
2
3
POSITION 2
POSITION 1
1
2
3
Without LED (1 Pole)
4
5
1
2
3
6
POSITION 1
POSITION 2
6
5
4
1
2
3
Without LED (2 Poles)
POSITION 2
4
5
6
1
2
3
R
POSITION 1
3
2
1
6
5
4
R
Single Color Led (2 Poles)
POSITION 2
2
3
1
R
Single Color Led (1 Pole)
POSITION 1
3
2
1
R
X00 Transparent Actuator
8PX Power
Ø
0.70
Ø
17.9
Ø
0.98
Ø
25.0
Bezel
Actuator
Ø
0.70
Ø
17.9
Ø
0.98
Ø
25.0
Actuator
Bezel
J Solder terminal (std)
0.11
2.8
0.20
5.0
0.28
7.2
0.31
7.8
0.51
13.0
0.22
5.50
0.02
0.5
TERMINAL TYPE
Max.Panel thickness: 6.0mm[0.24]
PANEL MOUNTING
Ø
0.87
Ø
22.20
O-RING INSTALLATION
In front of the panel
Proposal
Installation
Diagram
O-RING
Power logo illuminated
lluminated
KP22 Series
Illuminated pushbutton switch, 1 million cycles, IP65



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com