Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LARJ Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # LARJ
Description  DC Power Jack with Rocker Switch Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

LARJ Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  LARJ Datasheet HTML 1Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
LARJ
DC Power Jack with Rocker Switch Module
01
SPECIFICATIONS
CONTACT RATING: 5A/15VDC.
INITIAL CONTACT RESISTANCE:
INSULATION RESISTANCE:
DIELECTRIC STRENGTH: 1500V RMS@sea level.
ELECTRICAL LIFE:
OPERATION FORCE FOR THE ROCKER: 4~9N.
MATERIALS
HOUSING:
ROCKER:
PIN: Brass
PIN TERMINAL:
BREAK TERMINAL:
TIP TERMINAL:
CONTACT:
SIDE:
SPRING:
ELECTRICAL SCHEMATIC
SPST
.423
10.75
.209
5.30
.108
2.75
2-Ø.118
2-Ø3.00
Ø
.079
Ø
2.00
.508
12.90
.348
8.85
3#
2#
1#
.024x.098
0.6x2.5
.795+.008
-.0
20.20+0.20
-0.00
.533+.008
-.0
13.55 +0.20
-0.00
1#
2#
3#
DIMENSION
.787
20.0
.527
13.35
.060
1.50
Ø
6.30
Ø
.248
.423
10.75
.508
12.90
.122
3.10
.067
1.70
.008
0.20
3x.138
3x3.50
.012
0.30
.083
2.1
.090
2.30
PIN ØA
.547
13.9
.866
22.0
Ø
2.50
Ø
2.00
Ø
2.10
PIN Ø A
mm
.138
3.50
.177
4.50
.252
6.40
.016
0.40
.114
2.9
.209
5.30
.108
2.75
.348
8.85
LARJ-001
LARJ-002
LARJ-003


Similar Part No. - LARJ

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAR NICHICON-LAR Datasheet
556Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LAR2D102MELA45 NICHICON-LAR2D102MELA45 Datasheet
556Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LAR2D102MELB30 NICHICON-LAR2D102MELB30 Datasheet
556Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LAR2D102MELC25 NICHICON-LAR2D102MELC25 Datasheet
556Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LAR2D102MELZ50 NICHICON-LAR2D102MELZ50 Datasheet
556Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LARJ

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRB049A05BB1 CWIND-GRB049A05BB1 Datasheet
667Kb / 1P
ROCKER SWITCH
GRB136A05BB2 CWIND-GRB136A05BB2 Datasheet
621Kb / 1P
ROCKER SWITCH
GRB263A101RN1D CWIND-GRB263A101RN1D Datasheet
728Kb / 1P
ROCKER SWITCH
GRB263D001NNN CWIND-GRB263D001NNN Datasheet
691Kb / 1P
ROCKER SWITCH
GRB290AL405BBR CWIND-GRB290AL405BBR Datasheet
684Kb / 1P
ROCKER SWITCH
GRB112A802BB CWIND-GRB112A802BB Datasheet
460Kb / 1P
ROCKER SWITCH
logo
C&K Components
SR3 CK-COMPONENTS-SR3 Datasheet
137Kb / 2P
Switch Rocker
logo
CW Industries
GRB214A2NABA1 CWIND-GRB214A2NABA1 Datasheet
53Kb / 1P
ROCKER SWITCH
logo
ZF Friedrichshafen AG
WRG32F2FBBRLN ZFSWITCHES-WRG32F2FBBRLN Datasheet
281Kb / 2P
Rocker Switch
logo
Nihon Kaiheiki Industry...
GW-12LRH NKK-GW-12LRH Datasheet
3Mb / 10P
rocker switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com