Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPOP Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # LPOP
Description  Pushbutton switch, 15amp at 125VAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

LPOP Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  LPOP Datasheet HTML 1Page - Apex Electronics Co., Ltd LPOP Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
LPOP Series
Pushbutton switch, 15amp at 125VAC
02
2.06
53.6
.800
20.3
MADE IN TAIWAN
.405
10.3
1.25
31.8
.413
10.5
.767
19.5
.493
12.5
M12x0.75
1.77
4.5
Ø
.425
Ø
10.8
2.06
53.6
.800
20.3
.405
10.3
1.25
31.8
.413
10.5
.767
19.5
.493
12.5
M12x0.75
1.77
4.5
Ø
.425
Ø
10.8
M12xP0.75
ON
OFF
250VAC 10A
125VAC 15A
M12xP0.75
Ø
.425
Ø
10.8
.567
14.4
1.13
28.9
.413
10.5
.708
18.0
.405
10.3
2.02
51.3
.493
12.5
Ø.425
Ø
10.8
.567
14.4
1.13
28.9
.413
10.5
.708
18.0
.405
10.3
2.02
51.3
.493
12.5
125VAC
15A
250VAC
10A
ON
ON
125VAC
15A
250VAC
10A
ON
ON
ON
OFF
250VAC 10A
125VAC 15A
SPST
LPOP703-H5
SPDT
DPST
LPOP705-H5
LPOP704-1-H5
DPDT
LPOP706-1-H5
MADE IN TAIWAN
MADE IN TAIWAN
1.77
4.5
MADE IN TAIWAN
1.77
4.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com