Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705 Datasheet(PDF) 3 Page - Apex Electronics Co., Ltd

Part # 705
Description  Toggle switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

705 Datasheet(HTML) 3 Page - Apex Electronics Co., Ltd

  705 Datasheet HTML 1Page - Apex Electronics Co., Ltd 705 Datasheet HTML 2Page - Apex Electronics Co., Ltd 705 Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
LPOT Series
Toggle switches
03
SPST
708-1-A3-B2-H5
SPDT
709-A3-B2-H5
4
A
3
A
2
A
1
A
4
B
3
B
2
B
1
B
H1
H2
H3
H4
H5
.670
17.0
.374
9.5
.374
9.5
.374
9.5
.374
9.5
.709
18.0
.669
17.0
.610
15.5
.551
14.0
.394
10.0
Ø
.228
Ø
5.80
.551
14.0
.788
20.0
.374
9.50
.020
0.50
.335
8.50
.433
11.0
.493
12.5
.020
0.50
.020
0.50
.020
0.50
.276
7
.189
4.8
.189
4.8
.244
6.3
.405
10.3
.209
5.1
.268
6.8
.283
7.2
.363
9.2
.419
10.6
M12XP1.0
1.55
39.5
1.40
35.6
M12XP1.0
1.40
35.6
1.20
30.5
.082
2.1
Ø
.228
Ø
5.8
.374
9.50
.670
17.0
2.25
57.3
.807
20.5
.405
10.3
MADE IN TAIWAN
.082
2.1
Ø
.228
Ø
5.8
.374
9.50
.670
17.0
2.25
57.3
.807
20.5
.405
10.3
ON
ON
250VAC 10A
125VAC 15A
ON
ON
250VAC 10A
125VAC 15A
ACTUATOR OPTIONS
BUSHING OPTIONS
TERMINATION OPTIONS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com