Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP19 Datasheet(PDF) 5 Page - Apex Electronics Co., Ltd

Part # MP19
Description  Metal pushbutton switch, 1 million cycles, IP67, IK10
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MP19 Datasheet(HTML) 5 Page - Apex Electronics Co., Ltd

  MP19 Datasheet HTML 1Page - Apex Electronics Co., Ltd MP19 Datasheet HTML 2Page - Apex Electronics Co., Ltd MP19 Datasheet HTML 3Page - Apex Electronics Co., Ltd MP19 Datasheet HTML 4Page - Apex Electronics Co., Ltd MP19 Datasheet HTML 5Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
05
MP19 Series
Metal pushbutton switch, 1 million cycles, IP67, IK10
O-RING INSTALLATION
O-RING
O-RING
In front of the panel
Behind the panel
Proposal
Installation
Diagram
ASSEMBLED VIEW
0.87
22.00
O-RING
M19 NUT
M19x1.0
No.:NU-MPB01
No.:CP-PY02
0.12
3.00
0.06
1.50
Ø
0.55
Ø
14.0
Ø
0.755±.004
Ø
19.20±0.10
0.70±.004
17.70±0.10
R0.38±.004
R9.60±0.10
0 / R / D / E Light Type
P Light Type
Max.Panel thickness: 10.0mm[0.39]
PANEL MOUNTING
J Solder terminal (std)
0.11
2.8
0.20
5.0
0.28
7.2
0.31
7.8
0.51
13.0
0.11
2.75
0.02
0.5
S2 Short solder terminal
0.11
2.75
0.02
0.5
0.12
3.1
0.02
5.00
0.08
2.00
Ø
0.047
Ø
1.20
0.51
13.0
TERMINAL TYPE
Heat shrink tube
Heat shrink tube
Wire,Black (LED-)
Wire,Red (LED+)
Wire,Green (Terminal)
Wire,Purple (Terminal)
Wire,Yellow (Terminal)
1.77
45
L-150mm
L
Wire=UL 3385,18AWG,300V(Black/Yellow/Green/Red/Purple)
Wire and tinned
See terminal shape
Wire (Flying lead Terminals)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com