Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

705A Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # 705A
Description  Toggle switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

705A Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  705A Datasheet HTML 1Page - Apex Electronics Co., Ltd 705A Datasheet HTML 2Page - Apex Electronics Co., Ltd 705A Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
LPOT Series
Toggle switches
02
POLE OPTIONS
SPST
703-A3-B2-H2
SPDT
704-1-A3-B2-H2
DPST
705-A3-B2-H2
DPDT
706-1-A3-B2-H2
M12x1.0
M12x1.0
.567
14.40
1.138
28.90
.752
19.1
.228
Ø
5.80
.670
17.0
.374
9.50
.363
9.20
1.138
28.90
Ø
.228
Ø
5.80
.363
9.20
.567
14.40
.374
9.50
.752
19.1
.670
17.0
.551
14.00
.551
14.00
1.252
31.80
.800
20.3
Ø
.228
Ø
5.80
.670
17.0
.374
9.50
.768
19.50
.363
9.20
.363
9.20
1.102
28.00
1.252
31.80
.800
20.3
Ø
.228
Ø
5.80
.670
17.0
.374
9.50
.768
19.50



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com