Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP22 Datasheet(PDF) 4 Page - Apex Electronics Co., Ltd

Part # MP22
Description  Metal pushbutton switch, 1 million cycles, IP67,IK10
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MP22 Datasheet(HTML) 4 Page - Apex Electronics Co., Ltd

  MP22 Datasheet HTML 1Page - Apex Electronics Co., Ltd MP22 Datasheet HTML 2Page - Apex Electronics Co., Ltd MP22 Datasheet HTML 3Page - Apex Electronics Co., Ltd MP22 Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
04


PANEL MOUNTING
HARDWARE
Round
Double flat
Panel thickness:
.394inch(10.0 mm) MAX.
Ø
.866
Ø
22.00
.811
20.60
Ø
.866
Ø
22.00
+.008
-.0
+0.20
-0
+.008
-.0
+0.20
-0
+.008
-.0
+0.20
-0
O-RING (Std.)
Model name. FCP-MP 07
NUT (Std.)
Model name. MNU-MP02
*
Standard hardware : 1 nut, 1 O-ring
*
For further information please consult sales representatity.
.98
25.0
.12
3.00
.06
1.50
Ø
.69
Ø
17.7
M22x1.0
O-RING
O-RING
l
e
n
a
p
e
h
t
d
n
i
h
e
B
l
e
n
a
p
e
h
t
f
o
t
n
o
rf
n
I
Proposal
Installation
Diagram
O-RING INSTALLATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com