Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPE Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # MPE
Description  Emergyency Push-Pull Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MPE Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  MPE Datasheet HTML 1Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
01
MPE Series
Emergyency Push-Pull Switch
SPECIFICATIONS
CONTACT RESISTANCE : 10 m
INSULATION FORCE: Push Force: 2000±500g
Pull Force: 2100±600g
Total Travel: 2mm±0.2
OPERATING LIFE :
OPERATING TEMPERATURE:
DIELECTRIC STRENGTH:
50HZ
terminals
50HZ
terminals and metal
l
CIRCUIT / PANEL MOUNTING
.512
13.00
Ø
Ø
15.20
Push
Pull
PANEL CUT-OUT
CIRCUIT
.216
5.50
.201
5.12
.555
14.10
2.50
.236
6.00
.551
14.00
Ø
.445
Ø
11.30
1.50
10.40
.020
0.50
.157
4.00
14.20
.500
12.70
Ø
Ø
CAP
.061
1.55
Ø
Ø
15.11
Ø
.721
Ø
17.00
.157
4.00
Ø.551
Ø
14.00
3.00
Ø1.165
Ø
.512
13.00
.256
6.50
.354
0.20
.354
Part No. Shown: MPE-003


Similar Part No. - MPE

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPE RUBYCON-MPE Datasheet
45Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
MPE RUBYCON-MPE Datasheet
79Kb / 4P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MicroPower Direct, LLC
MPE-100FS MPD-MPE-100FS Datasheet
255Kb / 2P
Single Output, 100W Compact, Enclosed AC/DC Power Supplies
MPE-100FS-05 MPD-MPE-100FS-05 Datasheet
255Kb / 2P
Single Output, 100W Compact, Enclosed AC/DC Power Supplies
MPE-100FS-12 MPD-MPE-100FS-12 Datasheet
255Kb / 2P
Single Output, 100W Compact, Enclosed AC/DC Power Supplies
More results

Similar Description - MPE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP203 SANYO-FP203 Datasheet
144Kb / 4P
Push-Pull Circuits
logo
Rhombus Industries Inc.
T-1386 RHOMBUS-IND-T-1386 Datasheet
27Kb / 1P
Push-Pull Transformer
T-1442 RHOMBUS-IND-T-1442 Datasheet
31Kb / 1P
Push-Pull Transformer
07/6/01
logo
MPS Industries, Inc.
P6270XF MPSIND-P6270XF Datasheet
191Kb / 1P
PUSH-PULL TRANSFORMER
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
PUSH-PULL CONNECTORS
logo
AVX Corporation
006200167032800 AVX-006200167032800 Datasheet
2Mb / 36P
pUSH-pULL CONNECTORS
logo
List of Unclassifed Man...
HR10-10P-12S ETC1-HR10-10P-12S Datasheet
2Mb / 20P
Push-Pull Connectors
logo
Glenair, Inc.
844-003 GLENAIR-844-003 Datasheet
260Kb / 1P
Push-Pull Receptacle
logo
Bourns Electronic Solut...
54AAD-C28-B15 BOURNS-54AAD-C28-B15 Datasheet
356Kb / 4P
Panel Control w/Push-Pull Switch
logo
VACUUMSCHMELZE GmbH & C...
T60402-C4615-X065 VACUUMSCHMELZE-T60402-C4615-X065 Datasheet
49Kb / 2P
Push Pull Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com