Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MATP017 Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # MATP017
Description  15*13mm rotary switch, SMD, optional illumination
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MATP017 Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  MATP017 Datasheet HTML 1Page - Apex Electronics Co., Ltd MATP017 Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
02
MATP Series
15*13mm rotary switch, SMD, optional illumination
DIMENSION
1
2
C
A
0.08
2.00 0.16
4.00
0.60
15.15
0.02
0.40
0.20
0.50
0.03
0.70
0.06
1.50
80°
0.06
1.50
0.08
2.00
0.69
17.60
Ø
0.05
Ø
1.20
Ø
0.03
Ø
0.75
0.10
2.55
0.17
4.25
0.21
5.40
0.16
4.00
0.36
9.05
0.53
13.45
0.09
2.20
0.53
13.35
0.19
4.90
0.03
0.80
PC Board
mounting face
1
2
C
A
0.08
2.00
80°
0.16
4.00
0.60
15.15
0.02
0.40
0.20
0.50
0.03
0.70
0.06
1.50
0.08
2.00
0.69
17.60
Ø
0.05
Ø
1.20
Ø
0.03
Ø
0.75
0.10
2.55
0.17
4.25
0.21
5.40
0.16
4.00
0.36
9.05
0.53
13.45
0.09
2.20
0.53
13.35
0.19
4.90
0.03
0.80
PC Board
mounting face
S1
S3
Part No. Shown : MATP-01
Part No. Shown : MATP-03



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com