Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MATP037 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # MATP037
Description  15*13mm rotary switch, SMD, optional illumination
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MATP037 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  MATP037 Datasheet HTML 1Page - Apex Electronics Co., Ltd MATP037 Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Rotational Torque
Positions
Operating Temperature Range
Actuation Life Cycle
Voltage Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
3
10,000
50mA, 12VDC
100VAC for 1 minute
Materials
Materials
Housing
Cover
Actuator
Contact
Terminal
LCP
Stainless Steel
LCP
Silver plated
Stainless Steel
Silver plated
Brass
Part Name
Material
Slim thickness
Optional illumination
Momentary push switch integrated
RoHS Compliant
Product Features
01
MATP Series
-20°C ~ 70°C
15*13mm rotary switch, SMD, optional illumination
Specification
1.3N ± 0.4 N
Part Number
MODEL NO.
FUNCTION
Function
MATP
01
03
On-None-On
On-Off-On
1
3
5
6
7
Red
White
0
Without LED
Green
Blue
Yellow
COLOR
ITEM NO
LED Color
LED
COLOR


Similar Part No. - MATP037

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP-600HA MSYSTEM-MATP-600HA Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP-600HY MSYSTEM-MATP-600HY Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP-600MA MSYSTEM-MATP-600MA Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP-600MY MSYSTEM-MATP-600MY Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MATP037

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7813 BOURNS-7813 Datasheet
140Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
7814 BOURNS-7814 Datasheet
145Kb / 2P
SMD 4 mm Square Sealed Rotary Switch
logo
Pomona Electronics
6352 POMONA-6352 Datasheet
481Kb / 2P
13mm Tip Reach, SMD Micro Grabber Test Clip
logo
Bourns Electronic Solut...
7813 BOURNS-7813_10 Datasheet
233Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
7814 BOURNS-7814_09 Datasheet
327Kb / 2P
SMD 4 mm Square Sealed Rotary Switch
logo
GREATECS
BR20 GREATECS-BR20 Datasheet
293Kb / 2P
Touch-Sensitive Switch with LED Illumination
logo
Bourns Electronic Solut...
7814 BOURNS-7814_11 Datasheet
300Kb / 1P
SMD 4 mm Square Sealed Rotary Switch
7813 BOURNS-7813_12 Datasheet
171Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
7814J BOURNS-7814J Datasheet
299Kb / 1P
7814 SMD 4 mm Square Sealed Rotary Switch
Jan 27, 2003
logo
Lorlin Electronics Ltd.
BCK LORLIN-BCK Datasheet
711Kb / 2P
ROTARY SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com