Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTM41 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # BTM41
Description  Toggle switch, multiple circuitry, termination, and caps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

BTM41 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  BTM41 Datasheet HTML 1Page - Apex Electronics Co., Ltd BTM41 Datasheet HTML 2Page - Apex Electronics Co., Ltd BTM41 Datasheet HTML 3Page - Apex Electronics Co., Ltd BTM41 Datasheet HTML 4Page - Apex Electronics Co., Ltd BTM41 Datasheet HTML 5Page - Apex Electronics Co., Ltd BTM41 Datasheet HTML 6Page - Apex Electronics Co., Ltd BTM41 Datasheet HTML 7Page - Apex Electronics Co., Ltd BTM41 Datasheet HTML 8Page - Apex Electronics Co., Ltd BTM41 Datasheet HTML 9Page - Apex Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BTM Series
Toggle switch, multiple circuitry, termination, and caps
01
BTMS1 SP On-None-On
BTMS2 SP On-None-Mom
BTMS3 SP On-Off-On
BTMS4 SP Mom-Off-Mom
BTMS5 SP On-Off-Mom
BTMD1 DP On-None-On
BTMD2 DP On-None-Mom
BTMD3 DP On-Off -On
BTMD4 DP Mom-Off-Mom
BTMD5 DP On-Off-Mom
BTMD6 DP On-On-On
BTMD7 DP Mom-On-Mom
BTMD8 DP On-On-Mom
BTM31 3P On-None-On
BTM32 3P On-None-Mom
BTM33 3P On-Off-On
BTM34 3P Mom-Off-Mom.
BTM35 3P On-Off-Mom
BTM41 4P On-None-On
BTM42 4P On-None-Mom
BTM43 4P On-Off-On
BTM44 4P Mom-Off-Mom
BTM45 4P On-Off-Mom
BTM46 4P On-On-On
BTM47 4P Mom-On-Mom
BTM48 4P On-On-Mom
Model NO.
Actuator
Bushing
Terminations
RoHS soldering
Terminal
plating
Seal
RoHS
SOLDERING
SPECIFICATIONS
CONTACT RATING: Dependent upon contact material See page 11.
MECHANICAL LIFE: 40,000 make-and-break cycles.
CONTACT RESISTANCE: 10m max. initial @ 2-4VDC
100mA for both silver and gold plated contacts.
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 1,000 Vrms min.@sea level.
OPERATING TEMPERATURE: -40°C to 85°C.
MATERIALS
CASE: Diallyl phthalate (DAP) (UL94v-0).
ACTUATOR: Brass,chrome plated.
BUSHING: Brass, nickel plated.
HOUSING: Stainless steel.
SWITCH SUPPORT: Brass, tin plated.
CONTACT / TERMINALS: Copper alloy, Silver or gold plated.
(See Page 11)
HOW TO ORDER
BUSHING
L
A
N
I
M
R
E
T
S
N
O
I
T
A
N
I
M
R
E
T
R
O
T
A
U
T
C
A
.
O
N
L
E
D
O
M
PLATING
SEAL
T1
T2
T3
T4
T5
T6
T61
T62
T63
T7
T8
T88
T9
TL1
TL2
TL3
M1
M2
M3
M51
M52
M53
M54
M6
M6N
M7
VS2
V2N
VS3
VS4
VS5
B1
B2
B3
B4
B5
B6
B7
B8
B9
B11
B12
B13
B14
B15
B16
B17
B18
B20
B25
B26
B52
10.41 high
5.08 high
13.97 high
16.26 high
21.34 high
Flatted,anti-rotation
12.30 high
Flatted,anti-rotation
21.0 high
Lever handle with cap
13.49 high
Flatted,anti-rotation
6.35 high
12.37 high, 15/32 bushing
17.56 high, 15/32 bushing
17.5 high, 15/32 bushing
Plastic, 21.3 high
Locking lever 16.00 high
Locking lever 16.26 high
Locking lever 17.28 high
Solder lug
PC thru-hole
Quick connect
18.70 high, wire wrap
24.20 high, wire wrap
10.55 high, wire wrap
26.97 high, wire wrap
Right angle, PC thru-hole
Right angle, Snap-in, PC thru-hole
Vertical right angle, PC thru-hole
11.68 high, V-bracket
11.68 high, Snap-in. V-bracket
16.00 high, V-bracket
11.68 high, V-bracket
16.00 high, V-bracket
8.89 high, keyway (thd std)
8.89 high, keyway (non-thd)
7.10 high, keyway (thd)
7.10 high, keyway (non-thd)
7.52 high, flat (torque)
8.00 high, keyway (torque)
8.89 high, flat (thd std)
8.89 high, keyway (metric thd)
7.52 high, flat (splash proof)
7.55 high, keyway (thd std)
7.55 high, keyway (non-thd)
11.38 high, keyway (15/32 bushing)
11.90 high, flat (splash proof)
7.55 high, flat (thd std)
7.55 high, flat (non-thd)
3.50 high, keyway
11.38 high, keyway (15/32 bushing)
11.38 high, keyway (15/32 bushing)
8.00 high, keyway, locking lever (thd)
8.00 high, keyway, locking lever (non-thd)
11.70 high, flat (15/32 bushing)
Q
R
C
Silver
Gold
Gold over silver
E
N
EPOXY (std)
NO EPOXY
RoHS Compliant
RoHS & Lead Free
S


Similar Part No. - BTM41

ManufacturerPart #DatasheetDescription
logo
BUDDIES TECHNOLOGY LIMI...
BTM41 BUDDIES-BTM41 Datasheet
881Kb / 18P
Bluetooth Module
logo
Laird Tech Smart Techno...
BTM410 LSTD-BTM410 Datasheet
1Mb / 25P
modules from Laird are designed to meet the needs of developers who wish to add robust
BTM411 LSTD-BTM411 Datasheet
1Mb / 25P
modules from Laird are designed to meet the needs of developers who wish to add robust
BTM41X LSTD-BTM41X Datasheet
2Mb / 40P
Low power consumption presents a major challenge for wireless devices
More results

Similar Description - BTM41

ManufacturerPart #DatasheetDescription
logo
CW Industries
GTS448E101AHR CWIND-GTS448E101AHR Datasheet
965Kb / 1P
TOGGLE SWITCH
GTS448F301AHR CWIND-GTS448F301AHR Datasheet
1Mb / 1P
TOGGLE SWITCH
GTS448K101AHR CWIND-GTS448K101AHR Datasheet
987Kb / 1P
TOGGLE SWITCH
logo
Tyco Electronics
4-1437558-8 MACOM-4-1437558-8 Datasheet
487Kb / 3P
TOGGLE SWITCH
logo
Honeywell Solid State E...
2NT1-72 HONEYWELL-2NT1-72 Datasheet
131Kb / 1P
SWITCH - TOGGLE
31NT91-3 HONEYWELL-31NT91-3 Datasheet
118Kb / 1P
SWITCH - TOGGLE
logo
Honeywell Accelerometer...
2TL1-7 HONEYWELL-ACC-2TL1-7 Datasheet
176Kb / 1P
SWITCH - TOGGLE
2TL1-2 HONEYWELL-ACC-2TL1-2 Datasheet
195Kb / 2P
SWITCH - TOGGLE
2TL1-3D HONEYWELL-ACC-2TL1-3D Datasheet
228Kb / 1P
SWITCH - TOGGLE
logo
List of Unclassifed Man...
14TL1-1A ETC2-14TL1-1A Datasheet
128Kb / 1P
SWITCH-TOGGLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com