Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R11 Datasheet(PDF) 3 Page - Apex Electronics Co., Ltd

Part # R11
Description  Rocker Switch, multiple contact arrangement
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

R11 Datasheet(HTML) 3 Page - Apex Electronics Co., Ltd

  R11 Datasheet HTML 1Page - Apex Electronics Co., Ltd R11 Datasheet HTML 2Page - Apex Electronics Co., Ltd R11 Datasheet HTML 3Page - Apex Electronics Co., Ltd R11 Datasheet HTML 4Page - Apex Electronics Co., Ltd R11 Datasheet HTML 5Page - Apex Electronics Co., Ltd R11 Datasheet HTML 6Page - Apex Electronics Co., Ltd R11 Datasheet HTML 7Page - Apex Electronics Co., Ltd R11 Datasheet HTML 8Page - Apex Electronics Co., Ltd R11 Datasheet HTML 9Page - Apex Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BRM Series
Rocker Switch, multiple contact arrangement
03
8
9
7
4
6
5
1
2
3
4
6
5
1
3
2
3
2
1
Part No. Shown : BRMS1R102M1QE
Part No. Shown : BRMD1R102M1QE
Part No. Shown : BRM31R102M1QE
POS 3
POS 2
POS 1
POS 3
POS 2
POS 1
25°
POS 3
POS 2
POS 1
25°
25°
.275
6.99
.937
23.80
.275
6.99
.937
23.80
Ø
.094
Ø
2.39
Ø
.094
Ø
2.39
.937
23.80
.275
6.99
.190
4.83
.030
0.76
1.166
29.63
EPOXY
SEAL
.376
9.56
.441
11.21
.138
3.50
.020
0.50
1.166
29.63
.020
0.50
.138
3.50
.080
2.03
.650
16.51
.450
11.43
.500
12.70
.500
12.70
.040
1.02
.190
4.83
.185
4.70
.030
0.76
.185
4.70
.080
2.03
.376
9.56
EPOXY
SEAL
1.166
29.63
Ø
.094
Ø
2.39
.138
3.50
.020
0.50
.270
6.86
.500
12.70
.080
2.03
.030
0.76 .185
4.70
.156
3.96
.156
3.96
.156
3.96
SPDT
DPDT
3PDT
EPOXY
SEAL
.040
1.02
POLE OPTIONS
POS 3
POS 2
POS 1
12
10
11
3
8
9
7
5
6
4
1
2
Part No. Shown : BRM41R102M1QE
25°
Ø
.094
Ø
2.39
.937
23.80
.275
6.99
.441
11.21
1.166
29.63
.020
0.50
.138
3.50
.080
2.03
.850
21.59
.040
1.02
.190
4.83
.500
12.70
.185
4.70
.030
0.76
.156
3.96
4PDT
EPOXY
SEAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com