Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPPL06Z Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # DPPL06Z
Description  Dual-in-Line Packaging Switch, Piano type, through hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

DPPL06Z Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  DPPL06Z Datasheet HTML 1Page - Apex Electronics Co., Ltd DPPL06Z Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
Operating Force
Soldering Condition
Operating Temperature Range
Actuation Life Cycle
Non-switching Rating
Insulation Resistance
Dielectric Strength
Contact Resistance
260°C for 5 sec. or 320°C for 2 sec.
3,000
100mA, 50VDC
500VAC for 1 minute
Materials
Materials
Base
Cover
Actuator
Contact
Terminal
PBT
PBT
Gold plated
Copper alloy
Gold plated
Copper alloy
Part Name
Material
Standard 2.54mm pitch
Side actuation
2-10, 12 positions
RoHS compliant
Product Features
01
DPP Series
-40°C ~ 85°C
Dual-in-Line Packaging Switch, Piano type, through hole
Specification
200 gram max.
Part Number
DPP
Series
Actuator
L Long actuator
S Short Actuator
R Red(Standard)
B Blue
Z Black
Cover Color
PBT
Positions
02 2-position
03 3-position
04 4-position
05 5-position
06 6-position
07 7-position
08 8-position
09 9-position
10 10-position
12 12-position
01 1-position


Similar Part No. - DPPL06Z

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DPP CDE-DPP Datasheet
203Kb / 3P
Polypropylene Radial Leaded Film Capacitors
logo
Omega Engineering, Inc.
DPP-5 OMEGA-DPP-5 Datasheet
728Kb / 5P
1⁄8 DIN High-Performance Meters Alarm/Control Capabilities Temperature, Process Voltage and Current, Strain Gage
logo
RSG Electronic Componen...
DPP100-24 RSG-DPP100-24 Datasheet
231Kb / 3P
15-100W, 5-48V Output DIN Rail Mount Power Supplies
DPP100-24 RSG-DPP100-24 Datasheet
468Kb / 4P
15-100W, 5-48V Output DIN Rail Mount Power Supplies
logo
TDK Electronics
DPP100-24 TDK-DPP100-24 Datasheet
228Kb / 1P
AC-DC Power Supplies
June 03, 2022
More results

Similar Description - DPPL06Z

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RP-02 DBLECTRO-RP-02 Datasheet
314Kb / 2P
PIANO TYPE DIP SWITCH
RPL-02 DBLECTRO-RPL-02 Datasheet
280Kb / 3P
Piano Type Dip Switch
logo
Omron Electronics LLC
A6SR OMRON-A6SR Datasheet
403Kb / 4P
DIP Switch (Piano Type)
A6TR OMRON-A6TR Datasheet
334Kb / 4P
DIP Switch (Piano Type)
logo
GREATECS
DX516 GREATECS-DX516 Datasheet
259Kb / 1P
End Stackable Piano Type DIP Switch
logo
Vishay Siliconix
CCF02470RJKE36 VISHAY-CCF02470RJKE36 Datasheet
69Kb / 5P
Through Hole Resistor Packaging
25-Feb-13
logo
List of Unclassifed Man...
MCEPM-02 ETC2-MCEPM-02 Datasheet
229Kb / 6P
Dual In Line Switches - Piano Type
logo
Adam Technologies, Inc.
SW-DP-XX-SPST-V-T-P-L ADAM-TECH-SW-DP-XX-SPST-V-T-P-L Datasheet
80Kb / 1P
PIANO TYPE DIP SWITCH
logo
Omron Electronics LLC
A6FR OMRON-A6FR Datasheet
138Kb / 2P
Box type Through-hole Mounting Piano DIP Switches
logo
Vishay Siliconix
TDP VISHAY-TDP_V01 Datasheet
91Kb / 4P
Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
07-Apr-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com