Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAK37 Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # FAK37
Description  Foot switch, high operational force, robust mechanism
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

FAK37 Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  FAK37 Datasheet HTML 1Page - Apex Electronics Co., Ltd FAK37 Datasheet HTML 2Page - Apex Electronics Co., Ltd FAK37 Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
FAK Series
Foot switch, high operational force, robust mechanism
02
.078
2.00
.527
13.4
Ø
.393
Ø
10
.472
12.0
.472
12.0
.464
11.8
.512
13.0
.138
3.50
.029
0.75
.157
4.00
.039±.008
1.0±0.2
M12*P0.75
.197
5.00
.228
5.80
.334±.012
8.5±0.3
.106
2.70
KEYWAY
.078
2.00
.527
13.4
Ø
.393
Ø
10
.472
12.0
.472
12.0
.464
11.8
.512
13.0
.138
3.50
.029
0.75
.157
4.00
.039±.008
1.0±0.2
M12*P0.75
.197
5.00
.228
5.80
.334±.012
8.5±0.3
.106
2.70
KEYWAY
.197
5.00
.189
4.80
.029
0.75
.078
2.00
.197
5
.039±.008
1.0±0.2
.453
11.5
.610
15.5
.657
16.7
.118
3.00
M12*P0.75
RED EPOXY
SEAL
KEYWAY
.772
19.6
.669
17.0
.417
10.60
.197±.008
5.00±0.2
(4)
(5)
(6)
(1)
(2)
(3)
(9)
(8)
(7)
TERMINATION OPTIONS
Ø
.393
Ø
10
RED EPOXY
SEAL
1
2
3
4
5
6
.197
5.00
RED EPOXY
SEAL
1
2
3
.098
2.50
SWITCH FUNCTION
CONNECTED TERMINALS / SCHEMATIC
MODEL
NO.
NO.
POLES
POS.1
POS.2
SWITCH FUNCTION
POS.1
POS.2
SP
FAKS7
ON
(ON)
FAKSL
ON
ON
ON
(ON)
ON
ON
ON
(ON)
ON
ON
DP
FAKD7
FAKDL
3P
FAK37
FAK3L
2(COMM)
1
4
3
5
6
2 (COMM)
1
4
3
5
6
2(COMM)
1
4
3
5
6
2 (COMM)
1
4
3
5
6
2(COMM)
1
3
2 (COMM)
1
3
7
8
9
7
8
9
2-1,5-4
2-1,5-4,8-7
2-1
2-3,5-6
2-3,5-6,8-9
2-3
( )=MOMENTARY
Part No. Shown : FAKDLP10B1C3M2QES-5
Part No. Shown : FAK3LP20B2C3M2QES-5
3L
DL
Part No. Shown : FAKS7P10B1C3M1QES-5
S7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com