Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS1065B Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # SCS1065B
Description  650V/10A SiC Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SCS1065B Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  SCS1065B Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SCS1065B Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . SCS1065B Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . SCS1065B Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCS1065B
650V/10A SiC Schottky Barrier Diode
TO-263
1
2
3
Low Forward Voltage (VF)
Shorter recovery time
High speed switching
High surge current capability
Enabling higher frequency and increased power density
System efficiency improvement
System cost and size savings due to the reduced cooling requirements
Features
Halogen Free, RoHS Compliant
Applications
Power Factor Correction in SMPS
Solar inverter
Uninterruptible Power Supply
Data Center
Circuit Diagram
3
1
2
1: Cathode
2: Anode
3: Cathode
Motor Drives
Absolute Maximum Rating
Symbol
Parameter
Value
Unit
Test Condition
VRM
Repetitive peak reverse voltage
650
V TC = 25°C
IF
Continuous forward current
10
A TC = 135°C
IFSM
Surge non-repetitive forward current
90
A TC = 25°C, tp=10ms, Sine half wave
Tj
Junction temperature
175
°
C
TSTG
Storage temperature
-55/+175 °C
PD
Total power dissipation
75
W TC = 25°C


Similar Part No. - SCS1065B

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SCS1065 GWSEMI-SCS1065 Datasheet
337Kb / 4P
650V/10A SiC Schottky Barrier Diode
SCS1065D GWSEMI-SCS1065D Datasheet
362Kb / 4P
650V/10A SiC Schottky Barrier Diode
SCS1065D8 GWSEMI-SCS1065D8 Datasheet
359Kb / 4P
650V/10A SiC Schottky Barrier Diode
SCS1065F GWSEMI-SCS1065F Datasheet
323Kb / 4P
650V/10A SiC Schottky Barrier Diode
SCS1065P GWSEMI-SCS1065P Datasheet
334Kb / 4P
650V/10A SiC Schottky Barrier Diode
More results

Similar Description - SCS1065B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJS6004TDPP-EJ RENESAS-RJS6004TDPP-EJ_15 Datasheet
80Kb / 4P
600V - 10A - Diode SiC Schottky Barrier Diode
logo
Infineon Technologies A...
IDW20G65C5B INFINEON-IDW20G65C5B_15 Datasheet
742Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW24G65C5B INFINEON-IDW24G65C5B_15 Datasheet
732Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
logo
GeneSiC Semiconductor, ...
GE10MPS06A GENESIC-GE10MPS06A Datasheet
511Kb / 7P
650V 10A SiC Schottky MPS??Diode
GE10MPS06E GENESIC-GE10MPS06E Datasheet
506Kb / 7P
650V 10A SiC Schottky MPS??Diode
logo
UnitedSiC.
UJ3D06510TS UNITEDSIC-UJ3D06510TS Datasheet
967Kb / 5P
10A - 650V SiC Schottky Diode
Rev. B, January 2018
UJD06510TS UNITEDSIC-UJD06510TS Datasheet
514Kb / 4P
10A - 650V SiC Schottky Diode
Rev. B, November 2016
logo
Renesas Technology Corp
RJS6004TDPP-EJ RENESAS-RJS6004TDPP-EJ Datasheet
169Kb / 4P
600V - 10A - Diode SiC Schottky Barrier Diode
Jan 23, 2014
logo
Infineon Technologies A...
IDDD12G65C6 INFINEON-IDDD12G65C6 Datasheet
651Kb / 9P
650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
logo
Silicon Supplies
SIS650S10AS SS-SIS650S10AS Datasheet
1Mb / 3P
650V 10A SiC Schottky Diode
Rev 1.0 30/10/23
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com