Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4299 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4299
Description  5-V Low Drop Fixed Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4299 Datasheet HTML 9Page - Infineon Technologies AG TLE4299 Datasheet HTML 10Page - Infineon Technologies AG TLE4299 Datasheet HTML 11Page - Infineon Technologies AG TLE4299 Datasheet HTML 12Page - Infineon Technologies AG TLE4299 Datasheet HTML 13Page - Infineon Technologies AG TLE4299 Datasheet HTML 14Page - Infineon Technologies AG TLE4299 Datasheet HTML 15Page - Infineon Technologies AG TLE4299 Datasheet HTML 16Page - Infineon Technologies AG TLE4299 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TLE 4299
Data Sheet
13
Rev. 1.1, 2004-01-01
Figure 7
Application Diagram with Inhibit Function
The TLE 4299 supplies a regulated 5 V output voltage with an accuracy of 2% from an
input voltage between 5.5 V and 45 V in the temperature range of
T
j = -40 to 150 °C.
The device is capable to supply 150 mA. For protection at high input voltage above 25 V,
the output current is reduced (SOA protection).
An input capacitor is necessary for compensating line influences and to limit steep input
edges. A resistor of approx. 1
Ω in series with C
I, can damp the LC of the input inductivity
and the input capacitor.
The voltage regulator requires for stability an output capacitor
C
Q of at least 22 µF with
an ESR below 5
Ω.
AES03106
Current
and
Saturation
Control
Band-
Gap-
Reference
TLE 4299
Reset
Control
RO
Q
I
D
C
I1
V
BAT
C
D
GND
R
ADJ1
P
R
SI1
R
SI2
Reference
SI
R
SO
R
RO
R
ADJ2
SO
RADJ
C
I2
Inhibit
Logic
INH
From
KI. 15
C
Q1
22
F CQ2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com