Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1241908 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1241908
Description  SF-5ES1N8A80A2X - Cable connector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1241908 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1241908 Datasheet HTML 1Page - PHOENIX CONTACT 1241908 Datasheet HTML 2Page - PHOENIX CONTACT 1241908 Datasheet HTML 3Page - PHOENIX CONTACT 1241908 Datasheet HTML 4Page - PHOENIX CONTACT 1241908 Datasheet HTML 5Page - PHOENIX CONTACT 1241908 Datasheet HTML 6Page - PHOENIX CONTACT 1241908 Datasheet HTML 7Page - PHOENIX CONTACT 1241908 Datasheet HTML 8Page - PHOENIX CONTACT 1241908 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable connector, straight short, Screw locking mechanism, M23, number of positions: 5+PE,
contact connection type: Socket, shielded: yes, degree of protection: IP67, cable diameter range:
9 mm ... 11 mm, number of positions: 6, connection method: Crimp connection, series: SF, Item
is lead-free in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)
Your advantages
Consistent EMC protection for reliable connection solutions in the industrial environment
•
Crimping connection: vibration- and temperature-resistant assembly
•
Flexible use: reliably connect various cable diameters
•
Molded designs with preassembled cables on one or both sides
•
Commercial data
Item number
1241908
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
ABRBFA
GTIN
4063151396961
Weight per piece (including packing)
122.4 g
Weight per piece (excluding packing)
122.4 g
Country of origin
DE
SF-5ES1N8A80A2X - Cable connector
1241908
https://www.phoenixcontact.com/us/products/1241908
Apr 19, 2024, 5:59 AM
Page 1 (11)


Similar Part No. - 1241908

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1241900 PHOENIX-1241900 Datasheet
450Kb / 11P
SF-5EP1N8A9LB3X - Coupler connector
1241901 PHOENIX-1241901 Datasheet
450Kb / 11P
SF-5EP1N8A9LB4X - Coupler connector
1241902 PHOENIX-1241902 Datasheet
458Kb / 12P
SF-5EP1N8A9LDLX - Coupler connector
1241904 PHOENIX-1241904 Datasheet
560Kb / 13P
SF-5EP1N8AC0DUX - Rear panel feed-through
1241905 PHOENIX-1241905 Datasheet
559Kb / 13P
SF-5EP1N8ACLDLX - Rear panel feed-through
More results

Similar Description - 1241908

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605524 PHOENIX-1605524 Datasheet
144Kb / 9P
Cable connector - SF-5ES1N8A80A1
09/11/2020
1605602 PHOENIX-1605602 Datasheet
636Kb / 17P
SF-7ES1N8A80DU - Cable connector
1605545 PHOENIX-1605545 Datasheet
587Kb / 16P
SF-5ES1N8A8LB2 - Cable connector
1605529 PHOENIX-1605529 Datasheet
572Kb / 15P
SF-5ES1N8A80A3 - Cable connector
1605543 PHOENIX-1605543 Datasheet
587Kb / 16P
SF-5ES1N8A8LB1 - Cable connector
1605553 PHOENIX-1605553 Datasheet
546Kb / 13P
SF-5ES1N8AR4DU - Cable connector
1618201 PHOENIX-1618201 Datasheet
621Kb / 16P
SF-5ES1N8A8LB4S - Cable connector
1618202 PHOENIX-1618202 Datasheet
621Kb / 16P
SF-5ES1N8A8LDLS - Cable connector
1241909 PHOENIX-1241909 Datasheet
466Kb / 11P
SF-5ES1N8A80A3X - Cable connector
1243165 PHOENIX-1243165 Datasheet
514Kb / 12P
SF-5ES1N8A8LB1SX - Cable connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com