Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56-99008 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 56-99008
Description  Protective cap B12, for male, plastics, black
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

56-99008 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  56-99008 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
scale
/Maßstab:
0
0,0
0,00
± 0,50mm
± 0,25mm
± 0,10mm
29.01.24
29.01.24
Harke
Name
Schäfers
R
dim. in mm
56K1A9508
Customer Specific Product
dwg-no. /
Z.-nr.:
RoHS compliant/konform
Date/Datum
general tolerance/
Allgemeintoleranz:
appd./
gepr..
drawn
/
gez.
DIN-
A4
Protective cap B12, for male,
plastics, black
2:1
(1,5:1)
Index:
a Original
1 / 1
Schutzkappe B12, für Stecker,
Kunststoff, schwarz
Ø20
16,9
Ø
Conec part-no./
Conec Art.-nr.:
56 - 99006
56 - 99006E
56 - 99007
56 - 99007E
Description/
Bezeichnung:
Quantity/
Menge:
10
1
10
1
Protective cap B12 for male, black with fixing loop/
Schutzkappe B12 für Stecker, schwarz mit Befestigungsschlaufe
Protective cap B12 for male, black with fixing loop/
Schutzkappe B12 für Stecker, schwarz mit Befestigungsschlaufe
Protective cap B12 for male, black/
Schutzkappe B12 für Stecker, schwarz
Protective cap B12 for male, black/
Schutzkappe B12 für Stecker, schwarz
Ø20
16,9
Ø
Protective cap/
Schutzpappe:
PA
Materials/
Werkstoffe:
Safety strap/
Sicherheitsschlaufe:
TPU


Similar Part No. - 56-99008

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
56-99008 CONEC-56-99008 Datasheet
236Kb / 1P
Protective cap B12, für female, plastics, black
29.01.24
56-99008E CONEC-56-99008E Datasheet
236Kb / 1P
Protective cap B12, für female, plastics, black
29.01.24
More results

Similar Description - 56-99008

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1409237 PHOENIX-1409237 Datasheet
43Kb / 2P
Protective cap - PRC COVER M
1785430 PHOENIX-1785430 Datasheet
55Kb / 2P
Protective cap - PV-C PROTECTION CAP
logo
Hubbell Incorporated.
HIC HUBBELL-HIC Datasheet
224Kb / 1P
Accessories Protective Cap
logo
PHOENIX CONTACT
1604260 PHOENIX-1604260 Datasheet
275Kb / 3P
Metal protective cap - RC-Z2104
1607776 PHOENIX-1607776 Datasheet
116Kb / 3P
Protective cap - ST-Z0006
3012325 PHOENIX-3012325 Datasheet
51Kb / 2P
Protective cap - FBSC
09/12/2020
1404528 PHOENIX-1404528 Datasheet
67Kb / 3P
Protective cap - QPD QSK 5X2,5
09/11/2020
1621904 PHOENIX-1621904 Datasheet
212Kb / 5P
ST-Z0024 - Protective cap
1623828 PHOENIX-1623828 Datasheet
189Kb / 5P
SB-Z0002 - Metal protective cap
1627218 PHOENIX-1627218 Datasheet
241Kb / 5P
SM-Z0077 - Metal protective cap
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com