Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPT22 Datasheet(PDF) 3 Page - Apex Electronics Co., Ltd

Part # MPT22
Description  Metal pushbutton switch, 1 million cycles, IP67, IK10, illumination
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MPT22 Datasheet(HTML) 3 Page - Apex Electronics Co., Ltd

  MPT22 Datasheet HTML 1Page - Apex Electronics Co., Ltd MPT22 Datasheet HTML 2Page - Apex Electronics Co., Ltd MPT22 Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
03
MPT22 Series
Metal pushbutton switch, 1 million cycles, IP67, IK10, illumination
Ø
.540
Ø
13.70
Ø
.701
Ø
17.80
Ø
.540
Ø
13.70
Ø
.701
Ø
17.80
.108
2.74
.020
0.50
.130
3.30
.108
2.74
.020
0.50
.080
2.00
.624
15.85
.130
3.30
.370
9.40
.370
9.40
.807
20.50
.370
9.40
.370
9.40
.404
10.25
M22x1.0
.08
2.00
.624
15.85
M22x1.0
.080
2.00
.624
15.85
M22x1.0
Ø
.980
Ø
25.00
Ø
.980
Ø
25.00
Ring illuminated
Actuator
Actuator
Ring illuminated
Power logo
illuminated
Ø
.701
Ø
17.80
.108
2.74
.13
3.30
.37
9.40
Ø
.98
Ø
25.00
Actuator
(+)
(1)
EPOXY
(2)
(1)
(2)
(–)
(+)
EPOXY
(1)
(2)
(–)
LIGHT TYPE
E Ring
Part No. Shown : MPT22-A03FE- -JR- V
N Without LED
Part No. Shown : MPT22-A02FN-0-JR-0V
P Power+Ring
Part No. Shown : MPT22-A01FP- -JR- V
HARDWARE
O-RING
M22 NUT
No.:NU-MPB02
No.:CP-MPB07
.980
25.0
.118
3.00
.047
1.20
Ø
.740
Ø
18.8
M22x1.0
O-RING INSTALLATION
O-RING
O-RING
In front of the panel
Proposal
Installation
Diagram
Behind the panel
L0001 ※Wire=Multi-wire lead AWG20,section 0.6mm2,UL approved
LED+
Red
LED-
Green
Non-LED
With LED
Description Wire color
Terminal 1 Black
Terminal 2 Black
Description Wire color
Terminal 1 Black
Terminal 2 Black
19.7±.39
500±10
(+)
(2)
(1)
(-)
Heat shrink tube
LED(+)
Resistor
Resistor combination
Heat shrink tube
Wire



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com