Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPT25 Datasheet(PDF) 3 Page - Apex Electronics Co., Ltd

Part # MPT25
Description  Metal pushbutton switch, 1 million cycles, IP67, IK10, illumination
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MPT25 Datasheet(HTML) 3 Page - Apex Electronics Co., Ltd

  MPT25 Datasheet HTML 1Page - Apex Electronics Co., Ltd MPT25 Datasheet HTML 2Page - Apex Electronics Co., Ltd MPT25 Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
03
MPT25 Series
Metal pushbutton switch, 1 million cycles, IP67, IK10, illumination
LIGHT TYPE
O-RING INSTALLATION
O-RING
O-RING
In front of the panel
Proposal
Installation
Diagram
Behind the panel
HARDWARE
L0001 ※Wire=Multi-wire lead AWG20,section 0.6mm2,UL approved
O-RING
M25 NUT
No.:NU-MPB03
No.:CP-MPB25
LED+
Red
LED-
Green
Non-LED
With LED
Description Wire color
Terminal 1 Black
Terminal 2 Black
Description Wire color
Terminal 1 Black
Terminal 2 Black
.370
9.40
.370
9.40
.080
2.00
.624
15.85
.130
3.30
.108
2.74
.020
0.50
Ø
.610
Ø
15.50
Ø
.775
Ø
19.70
Ring illuminated
Actuator
Ø
1.10
Ø
28.00
(1)
EPOXY
EPOXY
(2)
(+)
(–)
Ø
.890
Ø
22.20
1.10
28.0
M25x1.0
.060
1.50
E Ring
Part No. Shown : MPT25-A02FE- -JR- V
P Power+Ring
Part No. Shown : MPT22-A01FP- -JR- V
.122
3.10
(1)
(2)
(+)
(–)
.370
9.40
.370
9.40
Ring illuminated
Actuator
Power logo
illuminated
Ø
1.10
Ø
28.00
.080
2.00
.624
15.85
.130
3.30
.108
2.74
.020
0.50
Ø
.610
Ø
15.50
Ø
.775
Ø
19.70
.925
23.50
M25x1.0
M25x1.0
19.7±.39
500±10
(+)
(2)
(1)
(–)
Heat shrink tube
LED(+)
Resistor
Resistor combination
Heat shrink tube
Wire



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com