Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PASD Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # PASD
Description  Pushbutton switches, optional LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

PASD Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  PASD Datasheet HTML 1Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
PASD Series
Pushbutton switches, optional LED
01
SPECIFICATIONS
CIRCUIT : DPDT
RATING : 0.1A, DC30V MAX/100mA, DC1.5V MIN
CONTACT RESISTANCE : 50 m MAX.
INSULATION RESISTANCE : 100 M
MIN.
ELECTRICAL LIFE : 50,000 cycles
ACTUATION FORCE : 250 ± 100g
TRAVEL:
1. Full Travel : 1.5 ± 0.4mm
2. Contact Travel : 1.0 ± 0.4mm
OPERATING TEMPERATURE RANGE : -20°C to 70°C
MATERIALS
CASE : Glass filled Nylon 6/6, black.
HOUSING : Glass filled Nylon 6/6, black.
ACTUATOR : Glass filled Nylon 6/6, black.
CONTACT : Phosphor bronze,silver plated.
TERMINALS : LCP, Black & Brass, silver plated.
MODEL NO.
LED COLOR
On-Mom
On-On
Function
7
L
PASD
Switch Action
TYPE
PASD7
PASDL
Connected
Terminals
Normal ON
1-2
4-5
2-3
5-6
Push (ON)
Normal ON
LOCK ON
LED Circuit
L1
L2
FUNCTION
HOW TO ORDER
0
3
5
6
Red
1
White
Without LED
Green
7
Blue
Yellow
COLOR
ITEM NO
Led color
Example:
PASD73-
DIMENSION
2 3
1
6
5
4
L1
L2
5.08
6.12
2.54
2.54
4.10
7.50
3.50
6.60
3.80
0.30
8.50
2.54
5.08
10.16
0.60
8.50
4.60
2 3
1
6
5
4
L1
L2
5.08
6.12
2.54
2.54
4.10
7.50
3.50
6.60
3.80
0.30
8.50
4.30
2.40 (Lock)
2.54
5.08
10.16
0.60
8.50
4.60
4.30
P.C.B LAYOUT
2.54 2.54
2.54
5.08
10.16
8-Ø1.00
12
3
65
4
L1
L2
PASDL
PASD7
SWITCH FUNCTION
DIMENSION
CAP OPTION
7.4
7.4
7.4
7.4
Ø6.0
WHITE
ICE
SNOW
B
H
C
G
D
F
Adapter
(YCB002)
Cap
CAP CODE
CAP CODE
COLOR
TRANSPARENT


Similar Part No. - PASD

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
PAS APEX-ELECTRONICS-PAS Datasheet
1Mb / 8P
Pushbutton switch, multiple options of caps, 1 amp
logo
Mini-Circuits
PAS-1 MINI-PAS-1 Datasheet
99Kb / 1P
Electronic Attenuators/Switches
PAS-1 MINI-PAS-1 Datasheet
77Kb / 2P
ATTENUATORS/SWITCHES
logo
Apex Electronics Co., L...
PAS-1012-A3 APEX-ELECTRONICS-PAS-1012-A3 Datasheet
1Mb / 8P
Pushbutton switch, multiple options of caps, 1 amp
PAS-1012-B2 APEX-ELECTRONICS-PAS-1012-B2 Datasheet
1Mb / 8P
Pushbutton switch, multiple options of caps, 1 amp
More results

Similar Description - PASD

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
Momentary Pushbutton Switches with LED
logo
E-SWITCH
700A E-SWITCH-700A Datasheet
570Kb / 3P
PUSHBUTTON SWITCHES
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com